Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM704 Datasheet (PDF) - STMicroelectronics

STM704 Datasheet PDF - STMicroelectronics
Part # STM704
Download  STM704 Download
File Size   445.08 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3V Supervisor with Battery Switchover

STM704 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM704 Datasheet PDF - STMicroelectronics

Part # STM704
Download  STM704 Click to download

File Size   445.08 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3V Supervisor with Battery Switchover

STM704 Datasheet (HTML) - STMicroelectronics


STM704 Product details

SUMMARY DESCRIPTION
The STM690/704/795/802/804/805/806 Supervisors are self-contained devices which provide microprocessor supervisory functions with the ability to non-volatize and write-protect external LPSRAM. A precision voltage reference and comparator monitors the VCC input for an out-of-tolerance condition. When an invalid VCC condition occurs, the reset output (RST) is forced low (or high in the case of RST). These devices also offer a watchdog timer (except for STM704/795/806) as well as a power-fail comparator (except for STM795) to provide the system with an early warning of impending power failure.
These devices are available in a standard 8-pin SOIC package or a space-saving 8-pin TSSOP package.

FEATURES SUMMARY
■ RST OR RST OUTPUTS
■ NVRAM SUPERVISOR FOR EXTERNAL LPSRAM
■ CHIP-ENABLE GATING (STM795 only) FOR EXTERNAL LPSRAM (7ns max PROP DELAY)
■ MANUAL (PUSH-BUTTON) RESET INPUT
■ 200ms (TYP) trec
■ WATCHDOG TIMER - 1.6sec (TYP)
■ AUTOMATIC BATTERY SWITCHOVER
■ LOW BATTERY SUPPLY CURRENT - 0.4µA (TYP)
■ POWER-FAIL COMPARATOR (PFI/PFO)
■ LOW SUPPLY CURRENT - 40µA (TYP)
■ GUARANTEED RST (RST) ASSERTION DOWN TO VCC = 1.0V
■ OPERATING TEMPERATURE: –40°C to 85°C (Industrial Grade)




Similar Part No. - STM704

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM704 STMICROELECTRONICS-STM704 Datasheet
773Kb / 37P
5V Supervisor with Battery Switchover
Jan-2006
STM704 STMICROELECTRONICS-STM704 Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
STM704 STMICROELECTRONICS-STM704 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
STM704DS6E STMICROELECTRONICS-STM704DS6E Datasheet
773Kb / 37P
5V Supervisor with Battery Switchover
Jan-2006
STM704DS6E STMICROELECTRONICS-STM704DS6E Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
More results


Similar Description - STM704

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
3V FIPS-140 Security Supervisor with Battery Switchover
Oct-2005
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
Security Supervisor with Battery Switchover
Jan-2006
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
3 V FIPS-140 security supervisor with battery switchover
20-Aug-2008
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
3 V FIPS-140 security supervisor with battery switchover
21-Aug-2008
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
5V Supervisor with Battery Switchover
Jan-2006
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
3V SPI Real-Time Clock Calendar with Battery Switchover
logo
Microchip Technology
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com