Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T620W Datasheet (PDF) - STMicroelectronics

T620W Datasheet PDF - STMicroelectronics
Part # T620W
Download  T620W Download
File Size   63.54 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6A SNUBBERLESTM TRIAC

T620W Datasheet (PDF)

Go To PDF Page Download Datasheet
T620W Datasheet PDF - STMicroelectronics

Part # T620W
Download  T620W Click to download

File Size   63.54 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6A SNUBBERLESTM TRIAC

T620W Datasheet (HTML) - STMicroelectronics




Similar Part No. - T620W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T620W STMICROELECTRONICS-T620W Datasheet
62Kb / 5P
SNUBBERLESS TRIAC
Apr-1995
More results


Similar Description - T620W

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
T6A6CI KEC-T6A6CI Datasheet
91Kb / 3P
Bi-Directional Triode Thyristor 6A Mold TRIAC
logo
Sharp Corporation
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
logo
SemiHow Co.,Ltd.
HTX6-600 SEMIHOW-HTX6-600 Datasheet
345Kb / 6P
600V 6A TRIAC
logo
Hi-Sincerity Mocroelect...
HST06 HSMC-HST06 Datasheet
129Kb / 4P
TRIAC 600V,6A
logo
Renesas Technology Corp
BCR6CM-12LB RENESAS-BCR6CM-12LB Datasheet
123Kb / 8P
600V - 6A - Triac Medium Power Use
BCR6CM-12RA RENESAS-BCR6CM-12RA_15 Datasheet
89Kb / 7P
600V - 6A - Triac Medium Power Use
BCR6CM-12LB RENESAS-BCR6CM-12LB_15 Datasheet
123Kb / 8P
600V - 6A - Triac Medium Power Use
logo
DONGGUAN YOU FENG WEI E...
BTA06A YFWDIODE-BTA06A Datasheet
786Kb / 4P
6A Four-quadrant triac
BTA06F YFWDIODE-BTA06F Datasheet
786Kb / 4P
6A Four-quadrant triac
logo
Renesas Technology Corp
BCR6CM-12RA RENESAS-BCR6CM-12RA Datasheet
477Kb / 8P
600V - 6A - Triac Medium Power Use
Feb. 1, 2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com