Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HST06 Datasheet (PDF) - Hi-Sincerity Mocroelectronics

HST06 Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # HST06
Download  HST06 Download
File Size   129.22 Kbytes
Page   4 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description TRIAC 600V,6A

HST06 Datasheet (PDF)

Go To PDF Page Download Datasheet
HST06 Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # HST06
Download  HST06 Click to download

File Size   129.22 Kbytes
Page   4 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description TRIAC 600V,6A

HST06 Datasheet (HTML) - Hi-Sincerity Mocroelectronics




Similar Part No. - HST06

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HST065B YHDC-HST065B Datasheet
3Mb / 1P
Hall split core current sensor
More results


Similar Description - HST06

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5679 NTE-NTE5679 Datasheet
18Kb / 2P
TRIAC - 600V, 40A
logo
STMicroelectronics
T620W STMICROELECTRONICS-T620W_04 Datasheet
63Kb / 5P
6A SNUBBERLESTM TRIAC
Mar-2004
logo
SemiHow Co.,Ltd.
HTX6-600 SEMIHOW-HTX6-600 Datasheet
345Kb / 6P
600V 6A TRIAC
logo
Renesas Technology Corp
BCR6CM-12LB RENESAS-BCR6CM-12LB Datasheet
123Kb / 8P
600V - 6A - Triac Medium Power Use
BCR6CM-12RA RENESAS-BCR6CM-12RA_15 Datasheet
89Kb / 7P
600V - 6A - Triac Medium Power Use
BCR6CM-12LB RENESAS-BCR6CM-12LB_15 Datasheet
123Kb / 8P
600V - 6A - Triac Medium Power Use
logo
DONGGUAN YOU FENG WEI E...
BTA06A YFWDIODE-BTA06A Datasheet
786Kb / 4P
6A Four-quadrant triac
BTA06F YFWDIODE-BTA06F Datasheet
786Kb / 4P
6A Four-quadrant triac
logo
Renesas Technology Corp
BCR6CM-12RA RENESAS-BCR6CM-12RA Datasheet
477Kb / 8P
600V - 6A - Triac Medium Power Use
Feb. 1, 2019
BCR10FM-12LB RENESAS-BCR10FM-12LB Datasheet
518Kb / 9P
600V - 10A - Triac
Feb. 19, 2019
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com