Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HST06 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HST06
Description  TRIAC 600V,6A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HST06 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HST06 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HST06 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HST06 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HST06 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE200902
Issued Date : 2009.08.15
Revised Date :
Page No. : 1/4
HST06
HSMC Product Specification
HST06
TRIAC 600V,6A
Description
Passivated, sensitive gate triacs in a plastic envelope, intended for use in general
purpose bidirectional switching and phase control applications, where high
sensitivity is required in all four quadrants.
TO-220AB
Pin Configuration
Pin
Description
1
Main terminal 1
2
Main terminal 2
3
Gate
tab
Main terminal 2
12
3
tab
Symbol
T2
T1
G
Limtiing Values
Symbol
Parameter
Min.
Max.
Units
VDRM
Repetitive peak off-state voltages
-
600
V
IT(RMS)
RMS on-state current
-
6
A
ITSM
Non-repetitive peak on-state current(F=50Hz,tp=20ms)
-
60
A
I
2t
I
2t for fusing (IT=10ms)
-
21
A
2S
dIT/dt
Repetitive rate of rise of on-state current after triggering
(F=50Hz,IG=50mA,dIg/dt=0.1us)
-
50
A/us
IGM
Peak gate current(tp=20us,Tj=125
°C)
-
4
A
PG(AV)
Average gate power (Tj=125
°C)
-
1
W
Tstg
Storage Temperature Range
-40
150
°C
Tj
Operating junction temperature
-40
125
°C


Similar Part No. - HST06

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HST065B YHDC-HST065B Datasheet
3Mb / 1P
Hall split core current sensor
More results

Similar Description - HST06

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5679 NTE-NTE5679 Datasheet
18Kb / 2P
TRIAC - 600V, 40A
logo
STMicroelectronics
T620W STMICROELECTRONICS-T620W_04 Datasheet
63Kb / 5P
6A SNUBBERLESTM TRIAC
Mar-2004
logo
SemiHow Co.,Ltd.
HTX6-600 SEMIHOW-HTX6-600 Datasheet
345Kb / 6P
600V 6A TRIAC
logo
Renesas Technology Corp
BCR6CM-12LB RENESAS-BCR6CM-12LB Datasheet
123Kb / 8P
600V - 6A - Triac Medium Power Use
BCR6CM-12RA RENESAS-BCR6CM-12RA_15 Datasheet
89Kb / 7P
600V - 6A - Triac Medium Power Use
BCR6CM-12LB RENESAS-BCR6CM-12LB_15 Datasheet
123Kb / 8P
600V - 6A - Triac Medium Power Use
logo
DONGGUAN YOU FENG WEI E...
BTA06A YFWDIODE-BTA06A Datasheet
786Kb / 4P
6A Four-quadrant triac
BTA06F YFWDIODE-BTA06F Datasheet
786Kb / 4P
6A Four-quadrant triac
logo
Renesas Technology Corp
BCR6CM-12RA RENESAS-BCR6CM-12RA Datasheet
477Kb / 8P
600V - 6A - Triac Medium Power Use
Feb. 1, 2019
BCR10FM-12LB RENESAS-BCR10FM-12LB Datasheet
518Kb / 9P
600V - 10A - Triac
Feb. 19, 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com