Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T820W Datasheet (PDF) - STMicroelectronics

T820W Datasheet PDF - STMicroelectronics
Part # T820W
Download  T820W Download
File Size   63.47 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8A SNUBBERLESSTM TRIAC

T820W Datasheet (PDF)

Go To PDF Page Download Datasheet
T820W Datasheet PDF - STMicroelectronics

Part # T820W
Download  T820W Click to download

File Size   63.47 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8A SNUBBERLESSTM TRIAC

T820W Datasheet (HTML) - STMicroelectronics




Similar Part No. - T820W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T820W STMICROELECTRONICS-T820W Datasheet
62Kb / 5P
SNUBBERLESS TRIAC
Apr-1995
More results


Similar Description - T820W

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM841M-L SANKEN-TM841M-L Datasheet
58Kb / 2P
TO-220 8A Triac
TM841S-L SANKEN-TM841S-L Datasheet
59Kb / 2P
TO-220F 8A Triac
logo
NEC
AC08DGM NEC-AC08DGM Datasheet
688Kb / 6P
8A MOLD TRIAC
logo
Hi-Sincerity Mocroelect...
HST08 HSMC-HST08 Datasheet
130Kb / 4P
TRIAC 600V,8A
logo
Renesas Technology Corp
BCR8LM-12LA RENESAS-BCR8LM-12LA Datasheet
138Kb / 7P
600V - 8A - Triac
logo
SemiHow Co.,Ltd.
HTX8-600 SEMIHOW-HTX8-600 Datasheet
267Kb / 6P
600V 8A TRIAC
logo
Unisonic Technologies
UCR8PM UTC-UCR8PM Datasheet
180Kb / 3P
8A TRIAC
logo
Renesas Technology Corp
BCR8FM-20LA RENESAS-BCR8FM-20LA Datasheet
779Kb / 8P
1000V - 8A - Triac
BCR8FM-16LB RENESAS-BCR8FM-16LB Datasheet
792Kb / 8P
800V - 8A - Triac
BCR8FM-14LB RENESAS-BCR8FM-14LB_17 Datasheet
823Kb / 9P
700V - 8A - Triac
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com