Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS1APHR Datasheet (PDF) - STMicroelectronics

STCS1APHR Datasheet PDF - STMicroelectronics
Part # STCS1APHR
Download  STCS1APHR Download
File Size   449.04 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.5 A max constant current LED driver

STCS1APHR Datasheet (PDF)

Go To PDF Page Download Datasheet
STCS1APHR Datasheet PDF - STMicroelectronics

Part # STCS1APHR
Download  STCS1APHR Click to download

File Size   449.04 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.5 A max constant current LED driver

STCS1APHR Datasheet (HTML) - STMicroelectronics


STCS1APHR Product details

Description
The STCS1A is a BiCMOS constant current source designed to provide a precise constant current starting from a varying input voltage source. The main target is to replace discrete components solution for driving LEDs in low voltage applications such as 5 V, 12 V or 24 V giving benefits in terms of precision, integration and reliability.

Features
■ Up to 40 V input voltage
■ Less than 0.5 V voltage overhead
■ Up to 1.5 A output current
■ PWM dimming pin
■ Shutdown pin
■ LED disconnection diagnostic
■ Slope control with external cap

Applications
■ LED constant current supplying for varying input voltages
■ Low voltage lighting
■ Small appliances LED lighting
■ Car LED lights




Similar Part No. - STCS1APHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCS1 STMICROELECTRONICS-STCS1 Datasheet
435Kb / 17P
1.5 A max constant current LED driver
02-Oct-2007
STCS1 STMICROELECTRONICS-STCS1 Datasheet
346Kb / 17P
1.5 A max constant current LED driver
02-Jul-2008
STCS1PHR STMICROELECTRONICS-STCS1PHR Datasheet
435Kb / 17P
1.5 A max constant current LED driver
02-Oct-2007
STCS1PHR STMICROELECTRONICS-STCS1PHR Datasheet
346Kb / 17P
1.5 A max constant current LED driver
02-Jul-2008
STCS1PUR STMICROELECTRONICS-STCS1PUR Datasheet
435Kb / 17P
1.5 A max constant current LED driver
02-Oct-2007
More results


Similar Description - STCS1APHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
logo
STMicroelectronics
STCS1 STMICROELECTRONICS-STCS1 Datasheet
435Kb / 17P
1.5 A max constant current LED driver
02-Oct-2007
STCS2 STMICROELECTRONICS-STCS2 Datasheet
280Kb / 16P
2 A max constant current LED driver
05-May-2008
STCS05 STMICROELECTRONICS-STCS05 Datasheet
683Kb / 16P
0.5 A max constant current LED driver
02-Jul-2008
STCS05A STMICROELECTRONICS-STCS05A Datasheet
854Kb / 18P
0.5 A max constant current LED driver
02-Jul-2008
STCS2A STMICROELECTRONICS-STCS2A Datasheet
372Kb / 18P
2 A max constant current LED driver
02-Jul-2008
STCS1 STMICROELECTRONICS-STCS1_08 Datasheet
346Kb / 17P
1.5 A max constant current LED driver
02-Jul-2008
STCS2_0807 STMICROELECTRONICS-STCS2_0807 Datasheet
281Kb / 16P
2 A max constant current LED driver
02-Jul-2008
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101_12 Datasheet
152Kb / 9P
1 A Constant-Current LED Driver
July, 2012 ??Rev. 8
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com