Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS1APHR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STCS1APHR
Description  1.5 A max constant current LED driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS1APHR Datasheet(HTML) 5 Page - STMicroelectronics

  STCS1APHR Datasheet HTML 1Page - STMicroelectronics STCS1APHR Datasheet HTML 2Page - STMicroelectronics STCS1APHR Datasheet HTML 3Page - STMicroelectronics STCS1APHR Datasheet HTML 4Page - STMicroelectronics STCS1APHR Datasheet HTML 5Page - STMicroelectronics STCS1APHR Datasheet HTML 6Page - STMicroelectronics STCS1APHR Datasheet HTML 7Page - STMicroelectronics STCS1APHR Datasheet HTML 8Page - STMicroelectronics STCS1APHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STCS1A
Maximum ratings
5/19
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
-0.3 to +45
V
DRAIN
Drain pin
-0.3 to +45
PWM, EN, DISC
Logic pins
-0.3 to + VCC + 0.3
V
SLOPE, FB
Configuration pins
-0.3 to + 3.3
V
ESD
Human body model (all pins)
±2
kV
TJ
(1)
1.
TJ is calculated from the ambient temperature TA and the power dissipation PD accoring the following formula:
TJ = TA + (PD x RthJA). See Figure 16 and Figure 17 for details of max power dissipation for ambient temperatures higher
than 25°C.
Junction temperature
-40 to 150
°C
TSTG
Storage temperature range
-55 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
DFN8
Power SO-8
Unit
RthJC
Thermal resistance junction-case
10
12
°C/W
RthJA
Thermal resistance junction-ambient
37.6 (1)
45 (2)
°C/W
1.
This value is referred to four-layer PCB, JEDEC standard test board.
2.
With two sides, two planes PCB following EIA/JEDEC JESD51-7 standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com