Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC533 Datasheet (PDF) - STMicroelectronics

M74HC533 Datasheet PDF - STMicroelectronics
Part # M74HC533
Download  M74HC533 Download
File Size   262.21 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT INVERTING

M74HC533 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC533 Datasheet PDF - STMicroelectronics

Part # M74HC533
Download  M74HC533 Click to download

File Size   262.21 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT INVERTING

M74HC533 Datasheet (HTML) - STMicroelectronics


M74HC533 Product details

DESCRIPTION
The M54/74HC373/533 are high speed CMOS OCTAL LATCH WITH 3-STATE OUTPUTS fabricated with in silicon gate C2MOS technology.
These ICs achive the high speed operation similar to equivalent LSTTL while maintaning the CMOS low power dissipation.
The application designer has a choise of combination of inverting and non inverting outputs.
The three state output configuration and the wide choise of outline make bus organized system simple.
All inputs are equipped with protection circuits against discharge and transient excess voltage.

■ HIGH SPEED tPD = 11 ns (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION ICC = 4 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY 15 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE IOL = IOH= 6 mA (MIN.)
■ BALANCED PROPAGATION DELAYS tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE WITH 54/74LS373/533




Similar Part No. - M74HC533

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC533 STMICROELECTRONICS-M74HC533 Datasheet
271Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC373 NON INVERTING - HC533 INVERTING
Oct-1993
M74HC533B1R STMICROELECTRONICS-M74HC533B1R Datasheet
271Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC373 NON INVERTING - HC533 INVERTING
Oct-1993
M74HC533C1R STMICROELECTRONICS-M74HC533C1R Datasheet
271Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC373 NON INVERTING - HC533 INVERTING
Oct-1993
M74HC533F1R STMICROELECTRONICS-M74HC533F1R Datasheet
271Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC373 NON INVERTING - HC533 INVERTING
Oct-1993
M74HC533M1R STMICROELECTRONICS-M74HC533M1R Datasheet
271Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC373 NON INVERTING - HC533 INVERTING
Oct-1993
More results


Similar Description - M74HC533

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC373 STMICROELECTRONICS-74AC373 Datasheet
241Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74AC573 STMICROELECTRONICS-74AC573 Datasheet
248Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74ACT373 STMICROELECTRONICS-74ACT373 Datasheet
90Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-1997
74ACT573 STMICROELECTRONICS-74ACT573 Datasheet
79Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
75Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
74VHC573 STMICROELECTRONICS-74VHC573 Datasheet
289Kb / 14P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
12-Nov-2004
74VHCT373A STMICROELECTRONICS-74VHCT373A Datasheet
73Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Nov-1999
M74HCT573 STMICROELECTRONICS-M74HCT573 Datasheet
228Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HC573 STMICROELECTRONICS-M74HC573 Datasheet
241Kb / 12P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HC563 STMICROELECTRONICS-M74HC563 Datasheet
303Kb / 12P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT INVERTING
Jul-2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com