Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC616LP3 Datasheet (PDF) - Hittite Microwave Corporation

HMC616LP3 Datasheet PDF - Hittite Microwave Corporation
Part # HMC616LP3
Download  HMC616LP3 Download
File Size   351.14 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz

HMC616LP3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC616LP3 Datasheet PDF - Hittite Microwave Corporation

Part # HMC616LP3
Download  HMC616LP3 Click to download

File Size   351.14 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz

HMC616LP3 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC616LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC616LP3 HITTITE-HMC616LP3 Datasheet
1Mb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
HMC616LP3E HITTITE-HMC616LP3E Datasheet
1Mb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
HMC616LP3 HITTITE-HMC616LP3_10 Datasheet
1Mb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
More results


Similar Description - HMC616LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC758LP3 HITTITE-HMC758LP3 Datasheet
403Kb / 8P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
HMC816LP4E HITTITE-HMC816LP4E Datasheet
452Kb / 8P
SMT GaAs PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 230 - 660 MHz
HMC616LP3 HITTITE-HMC616LP3_10 Datasheet
1Mb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
HMC758LP3 HITTITE-HMC758LP3_10 Datasheet
1Mb / 8P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
HMC816LP4E HITTITE-HMC816LP4E_10 Datasheet
1Mb / 8P
SMT GaAs pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 230 - 660 MHz
HMC817LP4E HITTITE-HMC817LP4E_10 Datasheet
1Mb / 8P
SMT GaAs pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 550 - 1200 MHz
logo
Analog Devices
HMC341LC3B AD-HMC341LC3B Datasheet
333Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC564LC4 AD-HMC564LC4 Datasheet
1Mb / 7P
GaAs SMT pHEMT LOW NOISE AMPLIFIER
HMC565LC5 AD-HMC565LC5 Datasheet
1Mb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER
HMC618ALP3E AD-HMC618ALP3E Datasheet
865Kb / 14P
GaAs SMT pHEMT LOW NOISE AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com