Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACVX1222 Datasheet (PDF) - Abracon Corporation

ACVX1222 Datasheet PDF - Abracon Corporation
Part # ACVX1222
Download  ACVX1222 Download
File Size   166.3 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description TTL/CMOS VOLTAGE CONTROLLED CRYSTAL OSCILLATOR

ACVX1222 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACVX1222 Datasheet PDF - Abracon Corporation

Part # ACVX1222
Download  ACVX1222 Click to download

File Size   166.3 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description TTL/CMOS VOLTAGE CONTROLLED CRYSTAL OSCILLATOR

ACVX1222 Datasheet (HTML) - Abracon Corporation




Similar Part No. - ACVX1222

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACVX1222 ABRACON-ACVX1222 Datasheet
494Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1222L ABRACON-ACVX1222L Datasheet
494Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
More results


Similar Description - ACVX1222

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASVV ABRACON-ASVV Datasheet
1Mb / 2P
HCMOS/TTL COMPATIBLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
5.01.07
ACVX1220L ABRACON-ACVX1220L Datasheet
289Kb / 2P
TTL/CMOS 3.3Vdc VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220 ABRACON-ACVX1220_07 Datasheet
289Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ASEP ABRACON-ASEP_08 Datasheet
777Kb / 2P
CMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
07.25.08
ASEV ABRACON-ASEV Datasheet
679Kb / 2P
CMOS VOLTAGE CONTROLLED SMD CRYSTAL OSCILLATOR
08.14.08
ASLV ABRACON-ASLV_08 Datasheet
167Kb / 2P
5.0Vdc HCMOS/TTL COMPATIBLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
02.25.08
ASVV ABRACON-ASVV_08 Datasheet
165Kb / 2P
HCMOS/TTL COMPATIBLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
Revised K: 03.11.08
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Abracon Corporation
ACVX1220 ABRACON-ACVX1220_15 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
logo
Epson Company
SG-636 EPSON-SG-636 Datasheet
342Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS, TTL
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com