Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFL3 Datasheet (PDF) - Abracon Corporation

ASFL3 Datasheet PDF - Abracon Corporation
Part # ASFL3
Download  ASFL3 Download
File Size   189.18 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 1.8V LVHCMOS COMPATIBLE SMD COMPATIBLE SMD

ASFL3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASFL3 Datasheet PDF - Abracon Corporation

Part # ASFL3
Download  ASFL3 Click to download

File Size   189.18 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 1.8V LVHCMOS COMPATIBLE SMD COMPATIBLE SMD

ASFL3 Datasheet (HTML) - Abracon Corporation




Similar Part No. - ASFL3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFL3 ABRACON-ASFL3 Datasheet
151Kb / 2P
1.8V LVHCMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASFL3 ABRACON-ASFL3 Datasheet
808Kb / 2P
1.8V CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
06.30.10
ASFL3-0.312MHZ-DB ABRACON-ASFL3-0.312MHZ-DB Datasheet
808Kb / 2P
1.8V CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
06.30.10
ASFL3-0.312MHZ-DB-T ABRACON-ASFL3-0.312MHZ-DB-T Datasheet
808Kb / 2P
1.8V CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
06.30.10
ASFL3-0.312MHZ-DB-T2 ABRACON-ASFL3-0.312MHZ-DB-T2 Datasheet
808Kb / 2P
1.8V CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
06.30.10
More results


Similar Description - ASFL3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE2 ABRACON-ASE2 Datasheet
1Mb / 2P
2.5Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
3.20.07
ASE3 ABRACON-ASE3 Datasheet
925Kb / 2P
1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
3.20.07
ASFL3 ABRACON-ASFL3 Datasheet
151Kb / 2P
1.8V LVHCMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASFV ABRACON-ASFV Datasheet
156Kb / 2P
5.0V HCMOS COMPATIBLE SMD VCXO
07.11.07
ASE3 ABRACON-ASE3_08 Datasheet
157Kb / 2P
1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.03.08
ASE ABRACON-ASE_07 Datasheet
792Kb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
12.28.07
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
KC2520M KSS-KC2520M Datasheet
132Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.5횞2.0mm
logo
EUROQUARTZ limited
MP4 EUROQUARTZ-MP4 Datasheet
152Kb / 1P
12 x 4.5mm Compatible SMD Crystal
logo
PETERMANN-TECHNIK
ULPO-RB2 PETERMANN-ULPO-RB2_15 Datasheet
1Mb / 10P
Pin-compatible to 2012 XTAL SMD packaging
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com