Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFL3 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASFL3
Description  1.8V LVHCMOS COMPATIBLE SMD COMPATIBLE SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFL3 Datasheet(HTML) 1 Page - Abracon Corporation

  ASFL3 Datasheet HTML 1Page - Abracon Corporation ASFL3 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ASFL3
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
APPLICATIONS:
• CCD clock for VTR camera
• Equipment connected to PC or PC cards
• Thin equipment
• Wireless communication
FEATURES:
5.0 x 3.2 x 1.6 mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
• Compact and low in height
• Low current consumption
• Tri state function
• Suitable for high density SMT
• Tight stability option
• Seam sealed package
• Reflow capable
1.8V LVHCMOS COMPATIBLE SMD
CRYSTAL CLOCK OSCILLATOR
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 1.05.08
Visit www.abracon.com for Terms & Conditions of Sale
Please contact ABRACON if parts are intended for life dependent applications.
PARAMETERS
ABRACON P/N:
ASFL3 Series
Frequency:
312 KHz to 125 MHz
Operating temperature:
-10°C to +70°C (see option)
Storage temperature:
- 55°C to + 125°C
Overall Frequency Stability:
±100 ppm max. (see option)
Supply voltage (Vdd):
1.8 Vdc ± 10%
Supply Current (Idd):
15 mA max for 321kHz ~ 30MHz
Symmetry at 1/2 Vdd:
40/60% max. (see option)
Rise and Fall Times(Tr/Tf):
10 ns max.
Output load:
Output Voltage:
VOH = 0.9*Vdd min.
VOL = 0.1*Vdd max.
Tri State Function:
Start-up-time:
10 mS max.
Aging per year:
±5 ppm max. @25°C
"1" or open: Oscillation; VIH ≥ 0.7*Vdd
"0": Output disabled (HI-Z); VIL < 0.3*Vdd
45 mA max for 30MHz ~ 80MHz
85 mA max for 80MHz ~ 125MHz
5TTL or 50pF max.
I
0°C to +50°C
J(*)
±20ppm
D
-10°C to +60°C
R
±25ppm
E
-20°C to +70°C
K
±30ppm
F
-30°C to +70°C
H
±35ppm
N
-30°C to +85°C
B
±40ppm
L
-40°C to +85°C
C
±50ppm
*Temp option I, D, E, and standard temp. only
Blank
40/60%
@ 1/2Vdd
ASFL3 - Frequency -
-
-
-
Packaging
T
Operating Temp. Range
Overall Frequency Stability
Duty Cycle
Tape and Reel
1,000pcs
S
45/55%
@ 1/2Vdd


Similar Part No. - ASFL3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFL3 ABRACON-ASFL3 Datasheet
151Kb / 2P
1.8V LVHCMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASFL3 ABRACON-ASFL3 Datasheet
808Kb / 2P
1.8V CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
06.30.10
ASFL3-0.312MHZ-DB ABRACON-ASFL3-0.312MHZ-DB Datasheet
808Kb / 2P
1.8V CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
06.30.10
ASFL3-0.312MHZ-DB-T ABRACON-ASFL3-0.312MHZ-DB-T Datasheet
808Kb / 2P
1.8V CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
06.30.10
ASFL3-0.312MHZ-DB-T2 ABRACON-ASFL3-0.312MHZ-DB-T2 Datasheet
808Kb / 2P
1.8V CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
06.30.10
More results

Similar Description - ASFL3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE2 ABRACON-ASE2 Datasheet
1Mb / 2P
2.5Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
3.20.07
ASE3 ABRACON-ASE3 Datasheet
925Kb / 2P
1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
3.20.07
ASFL3 ABRACON-ASFL3 Datasheet
151Kb / 2P
1.8V LVHCMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASFV ABRACON-ASFV Datasheet
156Kb / 2P
5.0V HCMOS COMPATIBLE SMD VCXO
07.11.07
ASE3 ABRACON-ASE3_08 Datasheet
157Kb / 2P
1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.03.08
ASE ABRACON-ASE_07 Datasheet
792Kb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
12.28.07
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
KC2520M KSS-KC2520M Datasheet
132Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.5횞2.0mm
logo
EUROQUARTZ limited
MP4 EUROQUARTZ-MP4 Datasheet
152Kb / 1P
12 x 4.5mm Compatible SMD Crystal
logo
PETERMANN-TECHNIK
ULPO-RB2 PETERMANN-ULPO-RB2_15 Datasheet
1Mb / 10P
Pin-compatible to 2012 XTAL SMD packaging
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com