Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA053-059-35-33 Datasheet (PDF) - Transcom, Inc.

TA053-059-35-33 Datasheet PDF - Transcom, Inc.
Part # TA053-059-35-33
Download  TA053-059-35-33 Download
File Size   33.1 Kbytes
Page   1 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 5.3 - 5.9 GHz 2W Amplifier

TA053-059-35-33 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA053-059-35-33 Datasheet PDF - Transcom, Inc.

Part # TA053-059-35-33
Download  TA053-059-35-33 Click to download

File Size   33.1 Kbytes
Page   1 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 5.3 - 5.9 GHz 2W Amplifier

TA053-059-35-33 Datasheet (HTML) - Transcom, Inc.




Similar Part No. - TA053-059-35-33

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA053-059-38-36 TRANSCOM-TA053-059-38-36 Datasheet
31Kb / 1P
5.3 - 5.9 GHz 4 W Amplifiers
More results


Similar Description - TA053-059-35-33

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040 Datasheet
40Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
logo
Transcom, Inc.
TA053-059-38-36 TRANSCOM-TA053-059-38-36 Datasheet
31Kb / 1P
5.3 - 5.9 GHz 4 W Amplifiers
TA053-059-41-38 TRANSCOM-TA053-059-41-38 Datasheet
31Kb / 1P
5.3 - 5.9 GHz 8W Amplifier
TA053-059-41-40 TRANSCOM-TA053-059-41-40 Datasheet
16Kb / 1P
5.3 - 5.9 GHz 40 dBm Amplifier
TC3541 TRANSCOM-TC3541 Datasheet
150Kb / 2P
5.2 - 5.9 GHz 2W Single Bias MMIC
TM053-059-09-39 TRANSCOM-TM053-059-09-39 Datasheet
27Kb / 1P
5.3 - 5.9 GHz 39 dBm Power Module
TM053-059-11-36 TRANSCOM-TM053-059-11-36 Datasheet
25Kb / 1P
5.3 - 5.9 GHz 36 dBm Power Module
TM053-059-12-33 TRANSCOM-TM053-059-12-33 Datasheet
25Kb / 1P
5.3 - 5.9 GHz 33 dBm Power Module
logo
Excelics Semiconductor,...
EIC5359-4 EXCELICS-EIC5359-4 Datasheet
90Kb / 1P
5.3-5.9 GHz 4-Watt Internally Matched Power FET
logo
IXYS Corporation
MMA-445933H-02 IXYS-MMA-445933H-02 Datasheet
377Kb / 8P
4.4-5.9 GHZ 2W HIGH EFFICIENCY LINEAR POWER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com