Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP6NB80 Datasheet (PDF) - STMicroelectronics

STP6NB80 Datasheet PDF - STMicroelectronics
Part # STP6NB80
Download  STP6NB80 Download
File Size   44.83 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 800V - 1.6 Ohm - 5.7A - TO-220/TO-220FP

STP6NB80 Datasheet (PDF)

Go To PDF Page Download Datasheet
STP6NB80 Datasheet PDF - STMicroelectronics

Part # STP6NB80
Download  STP6NB80 Click to download

File Size   44.83 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 800V - 1.6 Ohm - 5.7A - TO-220/TO-220FP

STP6NB80 Datasheet (HTML) - STMicroelectronics


STP6NB80 Product details

DESCRIPTION

Using the latest high voltage MESH OVERLAY™ process, STMicroelectronics has designed an ad vanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company’s proprieraty edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics.



■ TYPICAL RDS(on) = 1.6 Ω

■ EXTREMELY HIGH dv/dt CAPABILITY

■ 100% AVALANCHE TESTED

■ VERY LOW INTRINSIC CAPACITANCES




Similar Part No. - STP6NB80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP6NB80 ISC-STP6NB80 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
STP6NB80FP ISC-STP6NB80FP Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STP6NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4NB80 STMICROELECTRONICS-STB4NB80 Datasheet
52Kb / 6P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESHO MOSFET
Jun-1998
STP10NK80Z STMICROELECTRONICS-STP10NK80Z Datasheet
458Kb / 11P
N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
Sep-2001
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP5NB90 STMICROELECTRONICS-STP5NB90 Datasheet
44Kb / 6P
N - CHANNEL 900V - 2.3 ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1998
STP5NK80ZFP STMICROELECTRONICS-STP5NK80ZFP Datasheet
378Kb / 10P
N-CHANNEL 800V - 1.9ohm - 4.3A TO-220/TO-220FP Zener-Protected SuperMESH™ Power MOSFET
Jul-2002
STP7NB80 STMICROELECTRONICS-STP7NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
Apr-1999
STP9NK80Z STMICROELECTRONICS-STP9NK80Z Datasheet
336Kb / 11P
N-CHANNEL 800V -0.9ohm - 7.5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
18-May-2005
STB20NM60A-1 STMICROELECTRONICS-STB20NM60A-1 Datasheet
309Kb / 12P
N-CHANNEL 650V@Tjmax - 0.25 Ohm - 20A I짼PAK/TO-220/TO-220FP
Mar-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com