Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP6NB80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP6NB80
Description  N - CHANNEL 800V - 1.6 Ohm - 5.7A - TO-220/TO-220FP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6NB80 Datasheet(HTML) 1 Page - STMicroelectronics

  STP6NB80 Datasheet HTML 1Page - STMicroelectronics STP6NB80 Datasheet HTML 2Page - STMicroelectronics STP6NB80 Datasheet HTML 3Page - STMicroelectronics STP6NB80 Datasheet HTML 4Page - STMicroelectronics STP6NB80 Datasheet HTML 5Page - STMicroelectronics STP6NB80 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STP6NB80
STP6NB80FP
N - CHANNEL 800V - 1.6
Ω - 5.7A - TO-220/TO-220FP
PowerMESH
™ MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 1.6
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs with
outstanding performances. The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
INTERNAL SCHEMATIC DIAGRAM
September 1998
TO-220
TO-220FP
1
2
3
1
2
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
ST P6NB80
STP6NB80F P
VDS
Drain-source Voltage (VGS = 0)
800
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
800
V
VGS
G ate-source Volt age
± 30
V
ID
Drain Current (continuous) at Tc =25
oC
5.7
5.7(*)
A
ID
Drain Current (continuous) at Tc = 100
oC3.6
2
A
IDM (
•)
Drain Current (pulsed)
22.8
22.8
A
Ptot
T otal Dissipation at Tc =25
oC
125
40
W
Derating F actor
1.0
0.32
W /
o C
dv/dt (1)
Peak Diode Recovery voltage slope
4
4
V/ns
VISO
I nsulation W ithstand Voltage (DC)
2000
V
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction T emperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤5.76 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
(
*) Limited only maximum temperature allowed
TYPE
VDSS
RDS(on)
ID
ST P6NB80
ST P6NB80FP
800 V
800 V
<1.9
Ω
<1.9
Ω
5.7 A
5.7 A
1/6


Similar Part No. - STP6NB80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP6NB80 ISC-STP6NB80 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
STP6NB80FP ISC-STP6NB80FP Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP6NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4NB80 STMICROELECTRONICS-STB4NB80 Datasheet
52Kb / 6P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESHO MOSFET
Jun-1998
STP10NK80Z STMICROELECTRONICS-STP10NK80Z Datasheet
458Kb / 11P
N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
Sep-2001
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP5NB90 STMICROELECTRONICS-STP5NB90 Datasheet
44Kb / 6P
N - CHANNEL 900V - 2.3 ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1998
STP5NK80ZFP STMICROELECTRONICS-STP5NK80ZFP Datasheet
378Kb / 10P
N-CHANNEL 800V - 1.9ohm - 4.3A TO-220/TO-220FP Zener-Protected SuperMESH™ Power MOSFET
Jul-2002
STP7NB80 STMICROELECTRONICS-STP7NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
Apr-1999
STP9NK80Z STMICROELECTRONICS-STP9NK80Z Datasheet
336Kb / 11P
N-CHANNEL 800V -0.9ohm - 7.5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
18-May-2005
STB20NM60A-1 STMICROELECTRONICS-STB20NM60A-1 Datasheet
309Kb / 12P
N-CHANNEL 650V@Tjmax - 0.25 Ohm - 20A I짼PAK/TO-220/TO-220FP
Mar-2004
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com