Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4KE Datasheet (PDF) - UNIOHM CORPORATION

P4KE Datasheet PDF - UNIOHM CORPORATION
Part # P4KE
Download  P4KE Download
File Size   89.58 Kbytes
Page   4 Pages
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION
Description 400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

P4KE Datasheet (PDF)

Go To PDF Page Download Datasheet
P4KE Datasheet PDF - UNIOHM CORPORATION

Part # P4KE
Download  P4KE Click to download

File Size   89.58 Kbytes
Page   4 Pages
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION
Description 400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

P4KE Datasheet (HTML) - UNIOHM CORPORATION


P4KE Product details

VOLTAGE RANGE 6.8 to 440 Volts
400 Watts Peak Power
1.0 Watts Steady State

FEATURES
* 400 Watts Surge Capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time: Typically less than 1.0ps from 0 volt to BV min.
* Typical IR less than 1 A above 10V
* High temperature soldering guaranteed:260°C / 10 seconds / .375"(9.5mm) lead length, 5lbs.(2.3kg) tension




Similar Part No. - P4KE

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE PANJIT-P4KE Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4KE WTE-P4KE Datasheet
67Kb / 5P
400W TRANSIENT BOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
P4KE RECTRON-P4KE Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
logo
Jinan Gude Electronic D...
P4KE JGD-P4KE Datasheet
353Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Similar Description - P4KE

ManufacturerPart #DatasheetDescription
logo
Bytes
P4KE BYTES-P4KE Datasheet
307Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
1SMA5.0AT3 ONSEMI-1SMA5.0AT3 Datasheet
55Kb / 6P
400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA5 ONSEMI-1SMA5_06 Datasheet
64Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 9
1SMA10CAT3 ONSEMI-1SMA10CAT3_06 Datasheet
58Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2006 ??Rev. 9
1SMA10CAT3 ONSEMI-1SMA10CAT3_07 Datasheet
86Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
October, 2007 - Rev. 10
1SMA5.0AT3 ONSEMI-1SMA5.0AT3_10 Datasheet
144Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2010 ??Rev. 11
SZ1SMA30CAT3G ONSEMI-SZ1SMA30CAT3G Datasheet
129Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
SZ1SMA24CAT3 ONSEMI-SZ1SMA24CAT3 Datasheet
145Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
logo
Goodwork Semiconductor ...
P4KE GWSEMI-P4KE Datasheet
185Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4KE DGNJDZ-P4KE Datasheet
349Kb / 4P
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com