Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR3100 Datasheet (PDF) - UNIOHM CORPORATION

SR3100 Datasheet PDF - UNIOHM CORPORATION
Part # SR3100
Download  SR3100 Download
File Size   67.7 Kbytes
Page   2 Pages
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION
Description 3.0 AMP SCHOTTKY BARRIER RECTIFIERS

SR3100 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR3100 Datasheet PDF - UNIOHM CORPORATION

Part # SR3100
Download  SR3100 Click to download

File Size   67.7 Kbytes
Page   2 Pages
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION
Description 3.0 AMP SCHOTTKY BARRIER RECTIFIERS

SR3100 Datasheet (HTML) - UNIOHM CORPORATION


SR3100 Product details

VOLTAGE RANGE 20 to 100 Volts

CURRENT 3.0 Amperes



FEATURES

* Low forward voltage drop

* High current capability

* High reliability

* High surge current capability

* Epitaxial construction



MECHANICAL DATA

* Case: Molded plastic

* Epoxy: UL 94V-0 rate flame retardant

* Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed

* Polarity: Color band denotes cathode end

* Mounting position: Any

* Weight: 1.10 grams




Similar Part No. - SR3100

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR3100 MOSPEC-SR3100 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
logo
Bytes
SR3100 BYTES-SR3100 Datasheet
153Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SR3100 DCCOM-SR3100 Datasheet
430Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR3100 FORMOSA-SR3100 Datasheet
33Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
SR3100 COMCHIP-SR3100 Datasheet
71Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
More results


Similar Description - SR3100

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SR320P FORMOSA-SR320P Datasheet
62Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
SMC320 FCI-SMC320 Datasheet
127Kb / 2P
3.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_11 Datasheet
102Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
SR3200 SECOS-SR3200_05 Datasheet
147Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
SM3200B SECOS-SM3200B_15 Datasheet
89Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR3100-3A-751-DO-27 DGNJDZ-SR3100-3A-751-DO-27 Datasheet
273Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-DO-27 DGNJDZ-SR3100-3A-DO-27 Datasheet
256Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3200V-3A-DO-27 DGNJDZ-SR3200V-3A-DO-27 Datasheet
256Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB330-3A-DO-27 DGNJDZ-SB330-3A-DO-27 Datasheet
281Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB3150-3A-DO-27 DGNJDZ-SB3150-3A-DO-27 Datasheet
281Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com