Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4012A Datasheet (PDF) - Active-Semi, Inc

ACT4012A Datasheet PDF - Active-Semi, Inc
Part # ACT4012A_08
Download  ACT4012A Download
File Size   299.12 Kbytes
Page   10 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Wide Input 1.5A Step Down Converter

ACT4012A Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT4012A Datasheet PDF - Active-Semi, Inc

Part # ACT4012A_08
Download  ACT4012A Click to download

File Size   299.12 Kbytes
Page   10 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Wide Input 1.5A Step Down Converter

ACT4012A Datasheet (HTML) - Active-Semi, Inc




Similar Part No. - ACT4012A_08

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4012ASH ACTIVE-SEMI-ACT4012ASH Datasheet
345Kb / 10P
Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
ACT4012ASH-T ACTIVE-SEMI-ACT4012ASH-T Datasheet
345Kb / 10P
Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
More results


Similar Description - ACT4012A_08

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
590Kb / 10P
Wide Input 3A Step Down Converter
Rev 0, 12/2006
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
345Kb / 10P
Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
ACT4075 ACTIVE-SEMI-ACT4075 Datasheet
704Kb / 10P
Wide Input 2.5A Step Down Converter
Rev PrA, 13-Aug-07
logo
FOSLINK SEMICONDUCTOR C...
FSP3128 FOSLINK-FSP3128 Datasheet
361Kb / 10P
WIDE INPUT 3A STEP-DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
259Kb / 11P
Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
ACT4070 ACTIVE-SEMI-ACT4070_11 Datasheet
388Kb / 11P
Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070B ACTIVE-SEMI-ACT4070B Datasheet
303Kb / 9P
Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com