Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34702 Datasheet (PDF) - Freescale Semiconductor, Inc

MC34702 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC34702
Download  MC34702 Download
File Size   773.37 Kbytes
Page   39 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 3.0A Switch-Mode Power Supply with Linear Regulator

MC34702 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34702 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC34702
Download  MC34702 Click to download

File Size   773.37 Kbytes
Page   39 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 3.0A Switch-Mode Power Supply with Linear Regulator

MC34702 Datasheet (HTML) - Freescale Semiconductor, Inc


MC34702 Product details

3.0 A Switch-Mode Power Supply with Linear Regulator

The 34702 provides the means to efficiently supply the Freescale Power QUICC™ I, II, and other families of Freescale microprocessors and DSPs. The 34702 incorporates a highperformance switching regulator, providing the direct supply for the microprocessor’s core, and a low dropout (LDO) linear regulator control circuit providing the microprocessor I/O and bus voltage.
The switching regulator is a high-efficiency synchronous buck regulator with integrated N-channel power MOSFETs to provide protection features and to allow space-efficient, compact design.
The 34702 incorporates many advanced features; e.g., precisely maintained up/down power sequencing, ensuring the proper operation and protection of the CPU and power system.

Features
• Operating Voltage from 2.8 V to 6.0 V
• High-Accuracy Output Voltages
• Fast Transient Response
• Switcher Output Current Up to 3.0 A
• Undervoltage Lockout and Overcurrent Protection
• Enable Inputs and Programmable Watchdog Timer
• Voltage Margining via I2C™ Bus
• Reset with Programmable Power-ON Delay
• Pb-Free Packaging Designated by Suffix Code EK




Similar Part No. - MC34702

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34702EK FREESCALE-MC34702EK Datasheet
863Kb / 38P
3.0 A Switch-Mode Power Supply with Linear Regulator
MC34702EKR2 FREESCALE-MC34702EKR2 Datasheet
863Kb / 38P
3.0 A Switch-Mode Power Supply with Linear Regulator
More results


Similar Description - MC34702

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
1.5 A Switch-Mode Power Supply with Linear Regulator
34712 FREESCALE-34712 Datasheet
477Kb / 23P
3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
MC34703 FREESCALE-MC34703 Datasheet
1Mb / 46P
10A Switch-Mode Power Supply with LDO Regulator
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
1.5 A Switch-Mode Power Supply with Linear Regulator
34702 FREESCALE-34702 Datasheet
863Kb / 38P
3.0 A Switch-Mode Power Supply with Linear Regulator
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
1.5A Switch-Mode Power Supply with Linear Regulator
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com