Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33702 Datasheet (PDF) - Motorola, Inc

33702 Datasheet PDF - Motorola, Inc
Part # 33702
Download  33702 Download
File Size   841.41 Kbytes
Page   24 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3.0 A Switch-Mode Power Supply with Linear Regulator

33702 Datasheet (PDF)

Go To PDF Page Download Datasheet
33702 Datasheet PDF - Motorola, Inc

Part # 33702
Download  33702 Click to download

File Size   841.41 Kbytes
Page   24 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3.0 A Switch-Mode Power Supply with Linear Regulator

33702 Datasheet (HTML) - Motorola, Inc


33702 Product details

3.0 A Switch-Mode Power Supply with Linear Regulator



The 33702 provides the means to efficiently supply the Power QUICC™ I, II, and other families of Motorola microprocessors and DSPs. The 33702 incorporates a high-performance switching regulator, providing the direct

supply for the microprocessor’s core, and a low dropout (LDO) linear regulator control circuit providing the microprocessor I/O and bus voltage.



Features

• Operating Voltage: 2.8 V to 6.0 V

• High-Accuracy Output Voltages

• Fast Transient Response

• Switcher Output Current Up to 3.0 A

• Undervoltage Lockout

• Power Sequencing

• Programmable Watchdog Timer

• Voltage Margining via I2C™ Bus

• Overcurrent Protection

• Reset with Programmable Power-ON Delay

• Enable Inputs

I2C is a trademark of Phillips Corporation.




Similar Part No. - 33702

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3370 ETC2-3370 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3370 HEYCO-3370 Datasheet
176Kb / 1P
Standoff Cable Holders - Arrowhead Mount
logo
Keystone Electronics Co...
3370 KEYSTONE-3370 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
Sumida Corporation
3370-T027 SUMIDA-3370-T027 Datasheet
130Kb / 1P
General Power Transformer
3370-T029 SUMIDA-3370-T029 Datasheet
130Kb / 1P
General Power Transformer
More results


Similar Description - 33702

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
1.5 A Switch-Mode Power Supply with Linear Regulator
logo
ON Semiconductor
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
logo
Freescale Semiconductor...
MC34703 FREESCALE-MC34703 Datasheet
1Mb / 46P
10A Switch-Mode Power Supply with LDO Regulator
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
1.5 A Switch-Mode Power Supply with Linear Regulator
34702 FREESCALE-34702 Datasheet
863Kb / 38P
3.0 A Switch-Mode Power Supply with Linear Regulator
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
1.5A Switch-Mode Power Supply with Linear Regulator
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
3.0A Switch-Mode Power Supply with Linear Regulator
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com