Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17531A Datasheet (PDF) - Freescale Semiconductor, Inc

17531A Datasheet PDF - Freescale Semiconductor, Inc
Part # 17531A
Download  17531A Download
File Size   641.24 Kbytes
Page   20 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 700 mA Dual H-Bridge Motor Driver with 3.0 V Compatible Logic I/O

17531A Datasheet (PDF)

Go To PDF Page Download Datasheet
17531A Datasheet PDF - Freescale Semiconductor, Inc

Part # 17531A
Download  17531A Click to download

File Size   641.24 Kbytes
Page   20 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 700 mA Dual H-Bridge Motor Driver with 3.0 V Compatible Logic I/O

17531A Datasheet (HTML) - Freescale Semiconductor, Inc




Similar Part No. - 17531A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17531 ETC2-17531 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Weidmuller
1753102001 WEIDMULLER-1753102001 Datasheet
315Kb / 5P
SL-SMT 3.50/14/180G 1.5SN BK BX
1753122001 WEIDMULLER-1753122001 Datasheet
96Kb / 5P
SL-SMT3.5/16/180G 1.5SN
1753122001 WEIDMULLER-1753122001 Datasheet
1Mb / 23P
BL 3.50/16/180 SN OR BX PRT
logo
PHOENIX CONTACT
1753129 PHOENIX-1753129 Datasheet
57Kb / 4P
Printed-circuit board connector - IC 2,5/ 5-G-5,08 AU
More results


Similar Description - 17531A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17529 MOTOROLA-MPC17529 Datasheet
450Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
logo
Freescale Semiconductor...
MPC17531A FREESCALE-MPC17531A Datasheet
501Kb / 19P
700mA Dual H-Bridge Motor Driver with 3.0V Compatible Logic I/O
17529 FREESCALE-17529 Datasheet
431Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
Dual H-bridge Motor Driver
July, 2014
logo
Texas Instruments
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
Dual H-Bridge Motor Driver
logo
NXP Semiconductors
MC34933 NXP-MC34933 Datasheet
822Kb / 17P
1.4 A Dual H-Bridge Driver Compatible with 3.0 V Logic
Rev. 3.0, 9/2014
logo
Texas Instruments
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
Dual H-Bridge Motor Driver
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
Dual H-Bridge Motor Driver
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com