Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17529 Datasheet (PDF) - Freescale Semiconductor, Inc

17529 Datasheet PDF - Freescale Semiconductor, Inc
Part # 17529
Download  17529 Download
File Size   431.99 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O

17529 Datasheet (PDF)

Go To PDF Page Download Datasheet
17529 Datasheet PDF - Freescale Semiconductor, Inc

Part # 17529
Download  17529 Click to download

File Size   431.99 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O

17529 Datasheet (HTML) - Freescale Semiconductor, Inc


17529 Product details

The 17529 is a monolithic dual H-Bridge power IC ideal for portable electronic applications containing bipolar step motors and/or brush DC-motors (e.g., cameras and disk drive head positioners).
The 17529 operates from 2.0 V to 6.8 V, with independent control of each H-Bridge via parallel MCU interface (3.0 V- and 5.0 V compatible logic). The device features on-board charge pump, as well as built-in shoot-through current protection and an undervoltage shutdown function.
The 17529 has four operating modes: Forward, Reverse, Brake, and Tri-Stated (High Impedance). The 17529 has a low total RDS(ON) of 1.2 Ω (max @ 25°C).
The 17529’s low output resistance and high slew rates provide efficient drive for many types of micromotors.

Features
• Low Total RDS(ON) 0.7 Ω (Typ), 1.2 Ω (Max) @ 25°C
• Output Current 0.7 A (DC), 1.4 A (Peak)
• Shoot-Through Current Protection Circuit
• 3.0 V/5.0 V CMOS-Compatible Inputs
• PWM Control Input Frequency up to 200 kHz
• Built-In Charge Pump Circuit
• Low Power Consumption
• Undervoltage Detection and Shutdown Circuit
• Pb-Free Packaging Designated by Suffix Code EV




Similar Part No. - 17529

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17529 ETC2-17529 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Freescale Semiconductor...
17529 FREESCALE-17529 Datasheet
413Kb / 19P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
Rev. 4.0, 10/2015
logo
TE Connectivity Ltd
1752938-1 TEC-1752938-1 Datasheet
3Mb / 5P
Socket Contact, Tin, 250 VAC, Locking Lance Contact Retention, 20 - 14 AWG Wire Size, .5-2 mm2 Wire Size, Crimp, Phosphor
08/03/2024 12:30AM
logo
Tyco Electronics
1752938-2 MACOM-1752938-2 Datasheet
245Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
1752938-2 TEC-1752938-2 Datasheet
3Mb / 5P
Socket Contact, Tin, 250 VAC, Locking Lance Contact Retention, 20 - 14 AWG Wire Size, .5-2 mm2 Wire Size, Crimp, Phosphor
08/03/2024 12:30AM
More results


Similar Description - 17529

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17529 MOTOROLA-MPC17529 Datasheet
450Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
logo
Freescale Semiconductor...
MPC17531A FREESCALE-MPC17531A Datasheet
501Kb / 19P
700mA Dual H-Bridge Motor Driver with 3.0V Compatible Logic I/O
17511A FREESCALE-17511A Datasheet
222Kb / 16P
1.0 A 6.8 V H-Bridge Motor Driver IC
17533 FREESCALE-17533 Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
1.0 A 6.8 V H-Bridge Motor Driver IC
MPC17531A FREESCALE-MPC17531A_08 Datasheet
641Kb / 20P
700 mA Dual H-Bridge Motor Driver with 3.0 V Compatible Logic I/O
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
172Kb / 7P
5 V, 1 A H-Bridge Motor Driver
10-Dec-12
logo
NXP Semiconductors
MC34933 NXP-MC34933 Datasheet
822Kb / 17P
1.4 A Dual H-Bridge Driver Compatible with 3.0 V Logic
Rev. 3.0, 9/2014
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100_V01 Datasheet
173Kb / 7P
5 V, 1 A H-Bridge Motor Driver
10-Dec-12
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com