Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17529 Datasheet (PDF) - Freescale Semiconductor, Inc

17529 Datasheet PDF - Freescale Semiconductor, Inc
Part # 17529
Download  17529 Download
File Size   413.78 Kbytes
Page   19 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O

17529 Datasheet (PDF)

Go To PDF Page Download Datasheet
17529 Datasheet PDF - Freescale Semiconductor, Inc

Part # 17529
Download  17529 Click to download

File Size   413.78 Kbytes
Page   19 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O

17529 Datasheet (HTML) - Freescale Semiconductor, Inc


17529 Product details

Features
•Low total RDS(on) 0.7 Ω (typ), 1.2 Ω (max) at 25 °C
•Output current 0.7 A (DC), 1.4 A (peak)
•Shoot-through current protection circuit
•3.0V/5.0 V CMOS-compatible inputs
•PWM control input frequency up to 200 kHz
•Built-in charge pump circuit
•Low power consumption
•Undervoltage detection and shutdown circuit




Similar Part No. - 17529

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
17529 FREESCALE-17529 Datasheet
431Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
logo
List of Unclassifed Man...
17529 ETC2-17529 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
TE Connectivity Ltd
1752938-1 TEC-1752938-1 Datasheet
3Mb / 5P
Socket Contact, Tin, 250 VAC, Locking Lance Contact Retention, 20 - 14 AWG Wire Size, .5-2 mm2 Wire Size, Crimp, Phosphor
08/03/2024 12:30AM
logo
Tyco Electronics
1752938-2 MACOM-1752938-2 Datasheet
245Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
1752938-2 TEC-1752938-2 Datasheet
3Mb / 5P
Socket Contact, Tin, 250 VAC, Locking Lance Contact Retention, 20 - 14 AWG Wire Size, .5-2 mm2 Wire Size, Crimp, Phosphor
08/03/2024 12:30AM
More results


Similar Description - 17529

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17529 MOTOROLA-MPC17529 Datasheet
450Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
logo
Freescale Semiconductor...
MPC17531A FREESCALE-MPC17531A Datasheet
501Kb / 19P
700mA Dual H-Bridge Motor Driver with 3.0V Compatible Logic I/O
17529 FREESCALE-17529 Datasheet
431Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
17533 FREESCALE-17533 Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
MPC17531A FREESCALE-MPC17531A_08 Datasheet
641Kb / 20P
700 mA Dual H-Bridge Motor Driver with 3.0 V Compatible Logic I/O
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
2.5-A Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
Dual H-bridge Motor Driver
July, 2014
logo
NXP Semiconductors
MC34933 NXP-MC34933 Datasheet
822Kb / 17P
1.4 A Dual H-Bridge Driver Compatible with 3.0 V Logic
Rev. 3.0, 9/2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
Dual H-Bridge Motor Driver
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com