Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17529 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 17529
Description  0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17529 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 17529 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 9Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 10Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 11Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 12Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 13Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
17529
APPLICATIONS
FUNCTIONAL PIN DESCRIPTION
APPLICATIONS
TYPICAL APPLICATION
Figure 7 shows a typical application for the 17529. When applying the gate voltage to the CRES pin from an external source, be sure
to connect it via a resistor equal to, or greater than, RG = VCRES/0.02 Ω.
The internal charge pump of this device is generated from the VDD supply; therefore, care must be taken to provide sufficient gate-
source voltage for the high side MOSFETs when VM >> VDD (e.g., VM = 5.0 V, VDD = 3.0 V), in order to ensure full enhancement of the
high-side MOSFET channels.
Figure 7. 17529 Typical Application Diagram
CONDUCTED ELECTROMOTIVE FORCE (CEMF) SNUBBING TECHNIQUES
Care must be taken to protect the IC from potentially damaging CEMF spikes induced when commutating currents in inductive loads.
Typical practice is to provide snubbing of voltage transients by placing a capacitor or zener at the supply pin (VM) (see Figure 8).
Figure 8. CEMF Snubbing Techniques
PCB LAYOUT
When designing the printed circuit board (PCB), connect sufficient capacitance between power supply and ground pins to ensure proper
filtering from transients. For all high-current paths, use wide copper traces and shortest possible distances.
MCU
17529
5.0 V
GND
C1L
C1H
C2L
C2H
CRES
IN1B
IN2A
IN2B
OE
VM
VDD
OUT1B
OUT2B
0.01
μF
OUT1A
IN1A
OUT2A
NC
NC
NC
NC
V
CRES < 14 V
RG > VCRES/0.02 Ω
RG
NC = No Connect
175XX
5.0 V
5.0 V
GND
C1L
C1H
C2L
C2H
VM
VDD
OUT
OUT
175XX
5.0 V
5.0 V
GND
C1L
C1H
C2L
C2H
CRES
VM
VDD
OUT
OUT
CRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com