Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17529 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 17529
Description  0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17529 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 17529 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 9Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 10Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 11Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 12Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
17529
SYSTEM/APPLICATION INFORMATION
INTRODUCTION
SYSTEM/APPLICATION INFORMATION
INTRODUCTION
The 17529 is a monolithic dual H-Bridge ideal for portable electronic applications to control bipolar step motors and brush DC motors,
such as those found in camera lens assemblies, camera shutters, optical disk drives, etc. The 17529 operates from 2.0 V to 6.8 V,
providing dual H-bridge motor drivers with parallel 3.0 V or 5.0 V compatible I/O. The device features an on-board charge pump, as well
as built-in shoot-through current protection and undervoltage shutdown.
The 17529 has four operating modes: forward, reverse, brake, and tri-stated (high-impedance). The MOSFETs comprising the output
bridge have a total source + sink RDS(ON) ≤ 1.2 Ω. The 17529 can simultaneously drive two brush DC motors or, as shown in Figure 1,
17529 Simplified Application Diagram on page 1, one bipolar step motor. The drivers are designed to be PWM’ed at frequencies up to
200 kHz.
FUNCTIONAL PIN DESCRIPTION
CONTROL CIRCUIT POWER SUPPLY (VDD)
The VDD pin carries the logic supply voltage and current into the logic sections of the IC. VDD has an undervoltage threshold. If the
supply voltage drops below the undervoltage threshold, the output power stage switches to a tri-state condition. When the supply voltage
returns to a level that is above the threshold, the power stage automatically resumes normal operation according to the established
condition of the input pins.
LOGIC INPUT CONTROL (IN1A, IN1B, IN2A, AND IN2B)
These logic input pins control each H-Bridge output. IN1A logic HIGH = OUT1A HIGH. However, if all inputs are taken HIGH, the
outputs bridges are both tri-stated (refer to Table 6, Truth Table, page 8).
OUTPUT ENABLE (OE)
The OE pin is a LOW = TRUE enable input. When OE = HIGH, all H-Bridge outputs (OUT1A, OUT1B, OUT2A, and OUT2B) are tri-
stated (high-impedance), regardless of logic input (IN1A, IN1B, IN2A, and IN2B) states.
H-BRIDGE OUTPUT (OUT1A, OUT1B, OUT2A, AND OUT2B)
These pins provide connection to the outputs of each of the internal H-Bridges (see Figure 2, 17529 Simplified Internal Block Diagram,
page 3).
MOTOR DRIVE POWER SUPPLY (VM1 AND VM2)
The VM pins carry the main supply voltage and current into the power sections of the IC. This supply then becomes controlled and/or
modulated by the IC as it delivers the power to the loads attached between the output pins. All VM pins must be connected together on
the printed circuit board.
CHARGE PUMP (C1L AND C1H, C2L AND C2H)
These two pairs of pins, the C1L and C1H and the C2L and C2H, connect to the external bucket capacitors required by the internal
charge pump. The typical value for the bucket capacitors is 0.1
μF.
PRE-DRIVER POWER SUPPLY (CRES)
The CRES pin is the output of the internal charge pump. Its output voltage is approximately three times the VDD voltage. The VCRES
voltage is power supply for internal pre-driver circuit of H-Bridges.
POWER GROUND (PGND)
Power ground pins. They must be tied together on the PCB.
LOGIC GROUND (LGND)
Logic ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com