Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17529 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 17529
Description  0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17529 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  17529 Datasheet HTML 1Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 2Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 3Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17529 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
17529
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions TA = 25°C, VDD = VM = 5.0 V, GND = 0 V unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER (VM1, VM2, VDD)
Motor Supply Voltage
VM
2.0
5.0
6.8
V
Logic Supply Voltage
VDD
2.7
5.0
5.6
V
Driver Quiescent Supply Current (No Signal Input)
IQM
1.0
µA
Logic Quiescent Supply Current (No Signal Input) (7)
IQVDD
1.0
mA
Operating Power Supply Current
Logic Supply Current (8)
Charge Pump Circuit Supply Current (9)
IDVDD
ICRES
3.0
0.7
mA
Low VDD Detection Voltage
(10)
VDDDET
1.5
2.0
2.5
V
Driver Output ON Resistance (11)
RDS(ON)
0.7
1.2
Ohms
GATE DRIVE (C1L–C1H, C2L–C2H, CRES)
Gate Drive Voltage
VCRES
12
13
13.5
V
Recommended External Capacitance (C1L–C1H, C2L–C2H, CRES–GND)
CCP
0.01
0.1
1.0
µF
CONTROL LOGIC (OE, N1A, N1B, N2A, N2B)
Logic Input Voltage
VIN
0.0
VDD
V
Logic Inputs (2.7 V < VDD < 5.7 V)
High-Level Input Voltage
Low-Level Input Voltage
High-Level Input Current
Low-Level Input Current
OE
Terminal Input Current Low
VIH
VIL
IIH
IIL
IOILOE
VDD x 0.7
-1.0
50
VDD x 0.3
1.0
100
V
V
µA
µA
µA
Notes
7.
IQVDD includes the current to predriver circuit.
8.
IVDD includes the current to predriver circuit at fIN = 100 kHz.
9.
At fIN = 20 kHz.
10.
Detection voltage is defined as when the output becomes high-impedance after VDD drops below the detection threshold. When the gate
voltage V
CRES is applied from an external source, VCRES = 7.5 V.
11.
Source
+sink at IO = 0.7 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com