Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF6S9060NR1 Datasheet (PDF) - Freescale Semiconductor, Inc

MRF6S9060NR1 Datasheet PDF - Freescale Semiconductor, Inc
Part # MRF6S9060NR1
Download  MRF6S9060NR1 Download
File Size   711.91 Kbytes
Page   18 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistors

MRF6S9060NR1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF6S9060NR1 Datasheet PDF - Freescale Semiconductor, Inc

Part # MRF6S9060NR1
Download  MRF6S9060NR1 Click to download

File Size   711.91 Kbytes
Page   18 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistors

MRF6S9060NR1 Datasheet (HTML) - Freescale Semiconductor, Inc


MRF6S9060NR1 Product details

RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs

Designed for broadband commercial and industrial applications with frequencies up to 1000 MHz. The high gain and broadband performance of these devices make them ideal for large-signal, common-source amplifier applications in 28 volt base station equipment.

• Typical Single-Carrier N-CDMA Performance @ 880 MHz, VDD = 28 Volts, IDQ = 450 mA, Pout = 14 Watts Avg., IS-95 CDMA (Pilot, Sync, Paging, Traffic Codes 8 Through 13) Channel Bandwidth = 1.2288 MHz. PAR = 9.8 dB @ 0.01% Probability on CCDF.
    Power Gain — 21.4 dB
    Drain Efficiency — 32.1%
    ACPR @ 750 kHz Offset — -47.6 dBc @ 30 kHz Bandwidth

GSM EDGE Application
• Typical GSM EDGE Performance: VDD = 28 Volts, IDQ = 500 mA, Pout = 21 Watts Avg., Full Frequency Band (921-960 MHz)
    Power Gain — 20 dB
    Drain Efficiency — 46%
    Spectral Regrowth @ 400 kHz Offset = -62 dBc
    Spectral Regrowth @ 600 kHz Offset = -78 dBc
    EVM — 1.5% rms

GSM Application
• Typical GSM Performance: VDD = 28 Volts, IDQ = 500 mA, Pout = 60 Watts, Full Frequency Band (921-960 MHz)
    Power Gain — 20 dB
    Drain Efficiency — 63%
• Capable of Handling 10:1 VSWR, @ 28 Vdc, 880 MHz, 60 Watts CW Output Power
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Integrated ESD Protection
• N Suffix Indicates Lead-Free Terminations
• 200°C Capable Plastic Package
• TO-270-2 in Tape and Reel. R1 Suffix = 500 Units per 24 mm, 13 inch Reel.
• TO-272-2 in Tape and Reel. R1 Suffix = 500 Units per 44 mm, 13 inch Reel.




Similar Part No. - MRF6S9060NR1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MRF6S9060NR1 FAIRCHILD-MRF6S9060NR1 Datasheet
628Kb / 16P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Similar Description - MRF6S9060NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com