Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF18030A Datasheet (PDF) - Freescale Semiconductor, Inc

MRF18030A Datasheet PDF - Freescale Semiconductor, Inc
Part # MRF18030A
Download  MRF18030A Download
File Size   343.23 Kbytes
Page   8 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistors

MRF18030A Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF18030A Datasheet PDF - Freescale Semiconductor, Inc

Part # MRF18030A
Download  MRF18030A Click to download

File Size   343.23 Kbytes
Page   8 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistors

MRF18030A Datasheet (HTML) - Freescale Semiconductor, Inc


MRF18030A Product details

RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs

Designed for GSM and EDGE base station applications with frequencies from 1800 to 2000 MHz. Suitable for FM, TDMA, CDMA and multicarrier amplifier applications. Specified for GSM 1805-1880 MHz.

• Typical GSM Performance:
   Power Gain - 14 dB (Typ) @ 30 Watts
   Efficiency - 50% (Typ) @ 30 Watts
• Capable of Handling 5:1 VSWR, @ 26 Vdc, 30 Watts CW Output Power

Features
• Internally Matched for Ease of Use
• High Gain, High Efficiency and High Linearity
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Low Gold Plating Thickness on Leads, 40μ″ Nominal.
• RoHS Compliant
• in Tape and Reel. R3 Suffix = 250 Units per 32 mm, 13 inch Reel.




Similar Part No. - MRF18030A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF18030A MOTOROLA-MRF18030A Datasheet
508Kb / 8P
RF Power Field Effect Transistors
MRF18030ALR3 MOTOROLA-MRF18030ALR3 Datasheet
508Kb / 8P
RF Power Field Effect Transistors
MRF18030ALSR3 MOTOROLA-MRF18030ALSR3 Datasheet
508Kb / 8P
RF Power Field Effect Transistors
More results


Similar Description - MRF18030A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com