Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF18060B Datasheet (PDF) - Freescale Semiconductor, Inc

MRF18060B Datasheet PDF - Freescale Semiconductor, Inc
Part # MRF18060B
Download  MRF18060B Download
File Size   332.4 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistor

MRF18060B Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF18060B Datasheet PDF - Freescale Semiconductor, Inc

Part # MRF18060B
Download  MRF18060B Click to download

File Size   332.4 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistor

MRF18060B Datasheet (HTML) - Freescale Semiconductor, Inc


MRF18060B Product details

Designed for PCN and PCS base station applications with frequencies from 1800 to 2000 MHz. Suitable for FM, TDMA, CDMA and multicarrier amplifier applications. To be used in Class AB for PCN -PCS/cellular radio and WLL applications. Specified for GSM 1930 - 1990 MHz.

• GSM Performance, Full Frequency Band (1930 - 1990 MHz)
    Power Gain — 13 dB (Typ) @ 60 Watts CW
    Efficiency — 45% (Typ) @ 60 Watts CW
• Capable of Handling 10:1 VSWR, @ 26 Vdc, 1960 MHz, 60 Watts CW Output Power

Features
• Internally Matched for Ease of Use
• High Gain, High Efficiency and High Linearity
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Excellent Thermal Stability
• Available with Low Gold Plating Thickness on Leads. L Suffix Indicates 40μ″ Nominal.
• RoHS Compliant
• In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 Inch Reel.




Similar Part No. - MRF18060B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF18060B MOTOROLA-MRF18060B Datasheet
490Kb / 8P
RF Power Field Effect Transistors
MRF18060BLSR3 MOTOROLA-MRF18060BLSR3 Datasheet
490Kb / 8P
RF Power Field Effect Transistors
MRF18060BR3 MOTOROLA-MRF18060BR3 Datasheet
490Kb / 8P
RF Power Field Effect Transistors
MRF18060BSR3 MOTOROLA-MRF18060BSR3 Datasheet
490Kb / 8P
RF Power Field Effect Transistors
More results


Similar Description - MRF18060B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
RF Power Field Effect Transistor
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
RF Power Field Effect Transistor
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
RF FIELD-EFFECT POWER TRANSISTOR
logo
Freescale Semiconductor...
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com