Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYRF7936 Datasheet (PDF) - Cypress Semiconductor

CYRF7936 Datasheet PDF - Cypress Semiconductor
Part # CYRF7936
Download  CYRF7936 Download
File Size   1258.79 Kbytes
Page   21 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 2.4 GHz CyFi??Transceiver

CYRF7936 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYRF7936 Datasheet PDF - Cypress Semiconductor

Part # CYRF7936
Download  CYRF7936 Click to download

File Size   1258.79 Kbytes
Page   21 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 2.4 GHz CyFi??Transceiver

CYRF7936 Datasheet (HTML) - Cypress Semiconductor


CYRF7936 Product details

Functional Overview
The CYRF7936 IC is designed to implement wireless device links operating in the worldwide 2.4 GHz ISM frequency band. It is intended for systems compliant with worldwide regulations covered by ETSI EN 301 489-1 V1.41, ETSI EN 300 328-1 V1.3.1 (Europe), FCC CFR 47 Part 15 (USA and Industry Canada), and TELEC ARIB_T66_March, 2003 (Japan).

Features
■ 2.4 GHz Direct Sequence Spread Spectrum (DSSS) Radio Transceiver
■ Operates in the unlicensed worldwide Industrial, Scientific, and Medical (ISM) band (2.400 GHz to 2.483 GHz)
■ 21 mA Operating Current (Transmit at –5 dBm)
■ Transmit Power Up to +4 dBm
■ Receive Sensitivity up to –97 dBm
■ Sleep Current less than 1 µA
■ DSSS Data Rates up to 250 kbps, GFSK Data Rate of 1 Mbps
■ Low External Component Count
■ Auto Transaction Sequencer (ATS) - no MCU intervention
■ Framing, Length, CRC16, and Auto ACK
■ Power Management Unit (PMU) for MCU
■ Fast Startup and Fast Channel Changes
■ Separate 16 byte Transmit and Receive FIFOs
■ Dynamic Data Rate Reception
■ Receive Signal Strength Indication (RSSI)
■ Serial Peripheral Interface (SPI) Control while in Sleep Mode
■ 4 MHz SPI Microcontroller Interface
■ Battery Voltage Monitoring Circuitry
■ Supports Coin-Cell Operated Applications
■ Operating Voltage from 1.8V to 3.6V
■ Operating Temperature from 0 to 70°C
■ Space Saving 40-pin QFN 6x6 mm Package

Applications
■ Wireless Sensor Networks
■ Wireless Actuator Control
■ Home Automation
■ White Goods
■ Commercial Building Automation
■ Automatic Meter Readers
■ Precision Agriculture
■ Remote Controls
■ Consumer Electronics
■ Personal Health and Fitness
■ Toys




Similar Part No. - CYRF7936

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF7936-40LFXC CYPRESS-CYRF7936-40LFXC Datasheet
622Kb / 21P
2.4 GHz CyFi Transceiver
CYRF7936-40LTXC CYPRESS-CYRF7936-40LTXC Datasheet
622Kb / 21P
2.4 GHz CyFi Transceiver
CYRF7936 CYPRESS-CYRF7936_09 Datasheet
622Kb / 21P
2.4 GHz CyFi Transceiver
More results


Similar Description - CYRF7936

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF2401 ETC-NRF2401 Datasheet
850Kb / 37P
Single chip 2.4 GHz Transceiver
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
2.4 GHZ RF TRANSCEIVER
NRF2401A ETC1-NRF2401A Datasheet
248Kb / 38P
Single chip 2.4 GHz Transceiver
XE24S100 ETC1-XE24S100 Datasheet
146Kb / 16P
Complete 2.4 GHZ FHSS Transceiver
XE24S500 ETC1-XE24S500 Datasheet
116Kb / 16P
Complete 2.4 GHZ FHSS Transceiver
logo
Cypress Semiconductor
CYRF7936 CYPRESS-CYRF7936_09 Datasheet
622Kb / 21P
2.4 GHz CyFi Transceiver
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
WIT2492M MURATA-WIT2492M Datasheet
470Kb / 2P
2.4 GHz FHSS Transceiver Module
logo
RF Monolithics, Inc
ZMN2405HP RFM-ZMN2405HP Datasheet
326Kb / 6P
2.4 GHz ZigBee Transceiver Module
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com