Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD29050 Datasheet (PDF) - Renesas Technology Corp

HD29050 Datasheet PDF - Renesas Technology Corp
Part # HD29050
Download  HD29050 Download
File Size   163.79 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Differential Line Drivers/ReceiversWith 3 State Outputs

HD29050 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD29050 Datasheet PDF - Renesas Technology Corp

Part # HD29050
Download  HD29050 Click to download

File Size   163.79 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Differential Line Drivers/ReceiversWith 3 State Outputs

HD29050 Datasheet (HTML) - Renesas Technology Corp


HD29050 Product details

Description

The HD29050 features differential line drivers/receivers with three state output designed to meet the spec of EIA RS-422A and 423A. Each device has two drivers/receivers in a 16 pin package.

The device becomes in enable state when active high for a driver and active low for a receiver.



Features

Driver

•  Built in current restriction when short circuit

•  Power up/down protection.

•  High output current IOH= –40 mA

                              IOL= 40 mA

Receiver

•  Input hysteresis (Typ. 50 mV)

•  In phase input voltage ±200 mV of input sensitivity in the range –7 to +12 V.




Similar Part No. - HD29050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29050 ETC-HD29050 Datasheet
45Kb / 10P
Dual Differential Line Drivers / ReceiversWith 3 State Outputs
More results


Similar Description - HD29050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29050 ETC-HD29050 Datasheet
45Kb / 10P
Dual Differential Line Drivers / ReceiversWith 3 State Outputs
HD29051 ETC-HD29051 Datasheet
45Kb / 10P
Dual Differential Line Drivers / ReceiversWith 3 State Outputs
logo
Hitachi Semiconductor
J205027_HD29051 HITACHI-J205027_HD29051 Datasheet
221Kb / 15P
Dual Differential Line Drivers / Receivers with 3-state Outputs
HD29051 HITACHI-HD29051 Datasheet
160Kb / 11P
Dual Differential Line Drivers/ReceiversWith 3 State Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
Quadruple Differential Line Drivers With 3 State Outputs
HD29412 ETC1-HD29412 Datasheet
36Kb / 6P
Dual Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
HD75159 HITACHI-HD75159 Datasheet
58Kb / 10P
Dual Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD29051 RENESAS-HD29051 Datasheet
161Kb / 11P
Dual Differential Line Drivers/ReceiversWith 3 State Outputs
HD26C31 RENESAS-HD26C31 Datasheet
160Kb / 12P
Quadruple Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
26C31-SMD HITACHI-26C31-SMD Datasheet
119Kb / 15P
Quadruple Differential Line Drivers With 3 State Outputs
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com