Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD29050 Datasheet (PDF) - List of Unclassifed Manufacturers

HD29050 Datasheet PDF - List of Unclassifed Manufacturers
Part # HD29050
Download  HD29050 Download
File Size   45.93 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Dual Differential Line Drivers / ReceiversWith 3 State Outputs

HD29050 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD29050 Datasheet PDF - List of Unclassifed Manufacturers

Part # HD29050
Download  HD29050 Click to download

File Size   45.93 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Dual Differential Line Drivers / ReceiversWith 3 State Outputs

HD29050 Datasheet (HTML) - List of Unclassifed Manufacturers


HD29050 Product details

The HD29050 features differential line drivers / receivers with three state output designed to meet

the spec of EIA RS – 422A and 423A. Each device has two drivers / receivers in a 16 pin package.

The device becomes in enable state when active high for a driver and active low for a receiver.



Features

Driver

• Built in current restriction when short circuit

• Power up / down protection.

• High output current IOH = –40 mA

                             IOL = 40 mA



Receiver

• Input hysteresis (Typ. 50 mV)

• In phase input voltage ±200 mV of input sensitivity in the range –7 to +12 V.




Similar Part No. - HD29050

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD29050 RENESAS-HD29050 Datasheet
163Kb / 14P
Dual Differential Line Drivers/ReceiversWith 3 State Outputs
HD29050P RENESAS-HD29050P Datasheet
163Kb / 14P
Dual Differential Line Drivers/ReceiversWith 3 State Outputs
More results


Similar Description - HD29050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29051 ETC-HD29051 Datasheet
45Kb / 10P
Dual Differential Line Drivers / ReceiversWith 3 State Outputs
logo
Hitachi Semiconductor
J205027_HD29051 HITACHI-J205027_HD29051 Datasheet
221Kb / 15P
Dual Differential Line Drivers / Receivers with 3-state Outputs
HD29051 HITACHI-HD29051 Datasheet
160Kb / 11P
Dual Differential Line Drivers/ReceiversWith 3 State Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
Quadruple Differential Line Drivers With 3 State Outputs
HD29412 ETC1-HD29412 Datasheet
36Kb / 6P
Dual Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
HD75159 HITACHI-HD75159 Datasheet
58Kb / 10P
Dual Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD29050 RENESAS-HD29050 Datasheet
163Kb / 14P
Dual Differential Line Drivers/ReceiversWith 3 State Outputs
HD29051 RENESAS-HD29051 Datasheet
161Kb / 11P
Dual Differential Line Drivers/ReceiversWith 3 State Outputs
HD26C31 RENESAS-HD26C31 Datasheet
160Kb / 12P
Quadruple Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
26C31-SMD HITACHI-26C31-SMD Datasheet
119Kb / 15P
Quadruple Differential Line Drivers With 3 State Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com