Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD49340F Datasheet (PDF) - Renesas Technology Corp

HD49340F Datasheet PDF - Renesas Technology Corp
Part # HD49340F
Download  HD49340F Download
File Size   240.98 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CDS/PGA & 10-bit A/D Converter

HD49340F Datasheet (PDF)

Go To PDF Page Download Datasheet
HD49340F Datasheet PDF - Renesas Technology Corp

Part # HD49340F
Download  HD49340F Click to download

File Size   240.98 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CDS/PGA & 10-bit A/D Converter

HD49340F Datasheet (HTML) - Renesas Technology Corp


HD49340F Product details

Description

The HD49340F/HF is a CMOS IC that provides CDS-PGA analog processing (CDS/PGA) suitable for CCD camera digital signal processing systems together with a 10-bit A/D converter in a single chip.



Features

• Suppresses low-frequency noise output from CCD by the S/H type correlated double sampling.

• The S/H response frequency characteristics for the reference level can be adjusted using values of external parts and registers.

• High sensitivity is achieved due to the high S/N ratio and a wide coverage provided by a PG amplifier.

• Feedback is used to compensate and reduce the DC offsets including the output DC offset due to PGA gain change and the CCD offset in the CDS (correlated double sampling) amplifier input.

• PGA, standby mode, etc., is achieved via a serial interface.

• High precision is provided by a 10-bit-resolution A/D converter.



Functions

• Correlated double sampling

• PGA

• Offset compensation

• Serial interface control

• 10-bit ADC

• Operates using only the 3 V voltage

• Corresponds to switching mode of power dissipation and operating frequency

   Power dissipation: 120 mW (Typ), maximum frequency: 36 MHz (HD49340HF)

   Power dissipation: 60 mW (Typ), maximum frequency: 25 MHz (HD49340F)

• ADC direct input mode

• QFP 48-pin package



 




Similar Part No. - HD49340F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD49340F RENESAS-HD49340F_15 Datasheet
271Kb / 25P
CDS/PGA & 10-bit A/D Converter
More results


Similar Description - HD49340F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD49334AF RENESAS-HD49334AF Datasheet
242Kb / 23P
CDS/PGA & 10-bit A/D Converter
HD49351BP RENESAS-HD49351BP Datasheet
331Kb / 29P
CDS/PGA & 10-bit A/D TG Converter
HD49334ANP RENESAS-HD49334ANP Datasheet
240Kb / 22P
CDS/PGA & 10-bit A/D Converter
HD49340NP RENESAS-HD49340NP Datasheet
232Kb / 22P
CDS/PGA & 10-bit A/D Converter
HD49335NP RENESAS-HD49335NP Datasheet
318Kb / 30P
CDS/PGA & 10-bit A/D TG Converter
HD49335F RENESAS-HD49335F_15 Datasheet
354Kb / 32P
CDS/PGA & 10-bit A/D TG Converter
HD49335NPHNP RENESAS-HD49335NPHNP_15 Datasheet
352Kb / 32P
CDS/PGA & 10-bit A/D TG Converter
HD49340F RENESAS-HD49340F_15 Datasheet
271Kb / 25P
CDS/PGA & 10-bit A/D Converter
HD49340NP RENESAS-HD49340NP_15 Datasheet
258Kb / 24P
CDS/PGA & 10-bit A/D Converter
HD49351BP RENESAS-HD49351BP_15 Datasheet
366Kb / 31P
CDS/PGA & 10-bit A/D TG Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com