Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD49340F Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD49340F
Description  CDS/PGA & 10-bit A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49340F Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD49340F Datasheet HTML 1Page - Renesas Technology Corp HD49340F Datasheet HTML 2Page - Renesas Technology Corp HD49340F Datasheet HTML 3Page - Renesas Technology Corp HD49340F Datasheet HTML 4Page - Renesas Technology Corp HD49340F Datasheet HTML 5Page - Renesas Technology Corp HD49340F Datasheet HTML 6Page - Renesas Technology Corp HD49340F Datasheet HTML 7Page - Renesas Technology Corp HD49340F Datasheet HTML 8Page - Renesas Technology Corp HD49340F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
HD49340F/HF
Rev.1.0, Apr 20, 2004, page 2 of 22
Pin Arrangement
36 35
27
34 33 32 31 30 29 28
26 25
12
10
3456789
11 12
24
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
(Top view)
NC
NC
SPSIG
SPBLK
OBP
PBLK
DVDD
DVDD
ADCLK
DVSS
DVSS
DRDVDD
VRM
VRT
VRB
NC
DVSS
OEB
DVDD
DVDD
DVSS
CS
SDATA
SCK
Pin Description
Pin No.
Symbol
Description
I/O
Analog(A) or
Digital(D)
1
NC
No connection pin
—
—
2 to 11
D0 to D9
Digital output
O
D
12
NC
No connection pin
—
—
13
DRDVDD
Output buffer power supply (3 V)
—
D
14
DVSS
Digital ground (0 V)
—
D
15
DVSS
Digital ground (0 V)
—
D
16
ADCLK
ADC conversion clock input pin
I
D
17
DVDD
Digital power supply (3 V)
—
D
18
DVDD
Digital power supply (3 V)
—
D
19
PBLK
Preblanking input pin
I
D
20
OBP
Optical black pulse input pin
I
D
21
SPBLK
Black level sampling clock input pin
I
D
22
SPSIG
Signal level sampling clock input pin
I
D
23
NC
No connection pin
—
—
24
NC
No connection pin
—
—
25
AVSS
Analog ground (0 V)
—
A
26
AVSS
Analog ground (0 V)
—
A
27
AVDD
Analog power supply (3 V)
—
A
28
BLKSH
Black level S/H pin
—
A
29
BLKFB
Black level FB pin
—
A
30
CDSIN
CDS input pin
I
A
31
BLKC
Black level C pin
—
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com