Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD49340F Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HD49340F
Description  CDS/PGA & 10-bit A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49340F Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HD49340F Datasheet HTML 15Page - Renesas Technology Corp HD49340F Datasheet HTML 16Page - Renesas Technology Corp HD49340F Datasheet HTML 17Page - Renesas Technology Corp HD49340F Datasheet HTML 18Page - Renesas Technology Corp HD49340F Datasheet HTML 19Page - Renesas Technology Corp HD49340F Datasheet HTML 20Page - Renesas Technology Corp HD49340F Datasheet HTML 21Page - Renesas Technology Corp HD49340F Datasheet HTML 22Page - Renesas Technology Corp HD49340F Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
HD49340F/HF
Rev.1.0, Apr 20, 2004, page 21 of 22
Example of Recommended External Circuit
R11 100
R12 100
R13 100
R10 100
C18
0.1
C19
0.1
C17
0.1
L1
47
µ
• At CDS Input
Notes: 1. For C4, see table 5.
2. For C3, see page 8 "DC Offset Compensation Feedback Function".
Unit: R:
Ω
C: F
23
26
27
28
29
30
31
32
33
34
C4*1
C14 0.1
R15 33 k
C15 0.1
35
36
25
11
10
9
8
7
6
5
4
3
2
1
12
16 15 14 13
17
18
19
20
21
22
24
38
45 46 47 48
44
43
42
41
40
39
37
Serial data input
GND
from
Timing generator
from CCD out
Note: External circuit is same as above except for ADC input.
3.0 V
3.0 V
to
Camera
signal
processor
to
Camera
signal
processor
C21
0.1
C22
0.1
C18
0.1
C19
0.1
C17
0.1
C21
0.1
C22
0.1
C1
1
µ C3*
2 1
µ
C10
0.1
C11
0.1
C12
0.1
C11
0.1
C12
0.1
R15 33 k
C16
47/6
C21
47/6
L2
47
µ
R14 100
HD49340F/HF
(CDS/PGA+ADC)
L1
47
µ
• At ADC Input
23
26
27
28
29
30
31
32
33
34
C15 0.1
35
36
25
11
10
9
8
7
6
5
4
3
2
1
12
16 15 14 13
17
18
19
20
21
22
24
38
45 46 47 48
44
43
42
41
40
39
37
Serial data input
GND
from
Timing generator
C14 0.1
C2 2.2/16
C16
47/6
C21
47/6
L2
47
µ
HD49340F/HF
(CDS/PGA+ADC)
AVSS
AVSS
AVDD
BLKSH
BLKFB
CDSIN
BLKC
BIAS
AVDD
NC
AVSS
ADCIN
NC
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NC
AVSS
AVSS
AVDD
BLKSH
BLKFB
CDSIN
BLKC
BIAS
AVDD
NC
AVSS
ADCIN
NC
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NC
with ADC input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com