Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8A66174SP Datasheet (PDF) - Renesas Technology Corp

R8A66174SP Datasheet PDF - Renesas Technology Corp
Part # R8A66174SP
Download  R8A66174SP Download
File Size   468.4 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PARALLEL-IN SERIAL-OUT DATA BUFFER WITH FIFO

R8A66174SP Datasheet (PDF)

Go To PDF Page Download Datasheet
R8A66174SP Datasheet PDF - Renesas Technology Corp

Part # R8A66174SP
Download  R8A66174SP Click to download

File Size   468.4 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PARALLEL-IN SERIAL-OUT DATA BUFFER WITH FIFO

R8A66174SP Datasheet (HTML) - Renesas Technology Corp


R8A66174SP Product details

DESCRIPTION
The R8A66174 is a CMOS LSI with 63-byte FIFO (First-In First-Out Memory). The commands or up to 63-bytes data can be stored from 8-bit data bus. The data stored in FIFO can be outputted as serial data by executing command, and when the stored data is outputted all, R8A66174 will output an interrupt request signal. R8A66174 has 2-bit output pins (/OE, LATCH) which can set/reset outside devices by the command, R8A66174 can be connected to peripheral circuits that have a serial latch structure. R8A66174 is the succession product of M66300.

FEATURES
● General-purpose 8-bit CPU bus compatible
● Built-in 63-byte FIFO
● High-speed output (10Mbps)
● It’s able to connect to LED array driver such as R8A66160 or R8A66161 directly
● Low-noise, high-output circuit IOL=16mA, IOH=-16mA (IOL=4mA, IOH=-4mA for /INT)
● Schmitt input (/RESET)
● Wide operating supply voltage range (Vcc=3.0~3.6V or Vcc=4.5~5.5V)
● Wide operating temperature range (Ta=-40~85°C)

APPLICATION
   General digital equipment for industrial and home use, panel display controllers, and eraser unit controller for copying machine.




Similar Part No. - R8A66174SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66170DD RENESAS-R8A66170DD Datasheet
521Kb / 21P
4-CH 16-BIT PWM GENERATOR
R8A66170SP RENESAS-R8A66170SP Datasheet
521Kb / 21P
4-CH 16-BIT PWM GENERATOR
R8A66171DD RENESAS-R8A66171DD Datasheet
549Kb / 23P
A2RT (ADVANCED ASYNCHRONOUS RECEIVER & TRANSMITTER)
R8A66171SP RENESAS-R8A66171SP Datasheet
549Kb / 23P
A2RT (ADVANCED ASYNCHRONOUS RECEIVER & TRANSMITTER)
R8A66173SP RENESAS-R8A66173SP Datasheet
509Kb / 13P
4-CH 12-BIT PWM GENERATOR
More results


Similar Description - R8A66174SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66300P MITSUBISHI-M66300P Datasheet
393Kb / 10P
PARALLEL-IN SERIAL-OUT DATA BUFFER WITH FIFO
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
Serial-In, Parallel-Out Shift Register
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
First-In First-Out (FIFO) Buffer Memory
74F433 FAIRCHILD-74F433 Datasheet
166Kb / 16P
First-In First-Out (FIFO) Buffer Memory
9403A FAIRCHILD-9403A Datasheet
156Kb / 16P
First-In First-Out (FIFO) Buffer Memory
logo
Rohm
BU2090F ROHM-BU2090F Datasheet
241Kb / 6P
12bit Serial IN / Parallel Out Driver
BU2098F ROHM-BU2098F Datasheet
212Kb / 6P
8bit Serial IN / Parallel Out Driver
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
Serial-In, Parallel-Out Shift Register
logo
Rohm
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
Serial in/Parallel out Drivers
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com