Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8A66170SP Datasheet (PDF) - Renesas Technology Corp

R8A66170SP Datasheet PDF - Renesas Technology Corp
Part # R8A66170SP
Download  R8A66170SP Download
File Size   521.37 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-CH 16-BIT PWM GENERATOR

R8A66170SP Datasheet (PDF)

Go To PDF Page Download Datasheet
R8A66170SP Datasheet PDF - Renesas Technology Corp

Part # R8A66170SP
Download  R8A66170SP Click to download

File Size   521.37 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-CH 16-BIT PWM GENERATOR

R8A66170SP Datasheet (HTML) - Renesas Technology Corp


R8A66170SP Product details

DESCRIPTION
R8A66170 is a programmable 4-channel PWM generator produced using the silicon gate CMOS process.
R8A66170 can connect directly to the MPU data bus, and consists of a 16-bit prescaler and a PWM counter.
The pulse output includes three kinds of modes, allowing the independent control of each channel.
R8A66170 provides a software servo system in combination with the A-D function and the timer function of a one-chip microcomputer. R8A66170 is a succession product of M66240.

FEATURES
• 4-channel individually controllable
• Built-in three kind of pulse output modes
• PWM repetitive frequency: 50 kHz (max.) (Mode 0, 8-bit resolution, fxin/255 at prescaler setting = 0)
• Output polarity selection possible
• External triggering possible
• The output after reset is in the high impedance state.
• Change of mode setting becomes effective after the current cycle.
• High output current : Io = ±24 mA (VCC = 5.0V)
• Wide operating power voltage range (VCC = 5.0V or 3.3V single power supply)
• Wide operating temperature range (Ta = -40~85 ºC)

APPLICATION
• Control of DC motors and stepping motors
• Control of Heater phase controllers
• Software servos for office automation equipment , and industrial equipment




Similar Part No. - R8A66170SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66171DD RENESAS-R8A66171DD Datasheet
549Kb / 23P
A2RT (ADVANCED ASYNCHRONOUS RECEIVER & TRANSMITTER)
R8A66171SP RENESAS-R8A66171SP Datasheet
549Kb / 23P
A2RT (ADVANCED ASYNCHRONOUS RECEIVER & TRANSMITTER)
R8A66173SP RENESAS-R8A66173SP Datasheet
509Kb / 13P
4-CH 12-BIT PWM GENERATOR
R8A66174SP RENESAS-R8A66174SP Datasheet
468Kb / 12P
PARALLEL-IN SERIAL-OUT DATA BUFFER WITH FIFO
More results


Similar Description - R8A66170SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66240P MITSUBISHI-M66240P Datasheet
489Kb / 16P
4-CH 16-BIT PWM GENERATOR
M66242P MITSUBISHI-M66242P Datasheet
109Kb / 10P
4-CH 12-BIT PWM GENERATOR
logo
Renesas Technology Corp
R8A66173SP RENESAS-R8A66173SP Datasheet
509Kb / 13P
4-CH 12-BIT PWM GENERATOR
M66240P RENESAS-M66240P Datasheet
3Mb / 17P
4-CH 16-BIT PWM GENERATOR
M66242P RENESAS-M66242P Datasheet
2Mb / 11P
4-CH 12-BIT PWM GENERATOR
logo
Advantech Co., Ltd.
PCI-1721 ADVANTECH-PCI-1721 Datasheet
590Kb / 1P
12-bit, 4-ch Analog Output PCI Card with 16-ch Digital I/O
logo
List of Unclassifed Man...
CPCI-6208 ETC2-CPCI-6208 Datasheet
654Kb / 1P
8/16-CH 16-Bit Analog Output Cards
PCI-6202 ETC2-PCI-6202 Datasheet
308Kb / 2P
4-CH 16-Bit 1 MS/s Analog Output & 32-CH Isolation DIO Card
logo
Dialog Semiconductor
IW338 DIALOG-IW338 Datasheet
310Kb / 5P
PWM Generator
logo
Advantech Co., Ltd.
PCIE-1840 ADVANTECH-PCIE-1840 Datasheet
356Kb / 1P
4-Ch, 16-Bit, 125 MS/s Digitizer
27-Jun-2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com