Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD74LVC1G240 Datasheet (PDF) - Renesas Technology Corp

RD74LVC1G240 Datasheet PDF - Renesas Technology Corp
Part # RD74LVC1G240
Download  RD74LVC1G240 Download
File Size   1935.46 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bus Buffer Inverted with 3-state Output

RD74LVC1G240 Datasheet (PDF)

Go To PDF Page Download Datasheet
RD74LVC1G240 Datasheet PDF - Renesas Technology Corp

Part # RD74LVC1G240
Download  RD74LVC1G240 Click to download

File Size   1935.46 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bus Buffer Inverted with 3-state Output

RD74LVC1G240 Datasheet (HTML) - Renesas Technology Corp


RD74LVC1G240 Product details

Description
The RD74LVC1G240 has bus buffer inverted with 3–state output in a 5-pin package. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.

Features
• The basic gate function is lined up as renesas uni logic series.
• Supply voltage range: 1.65 to 5.5 V
• Operating temperature range: –40 to +85°C
• All inputs: VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs: VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current: ±4 mA (@VCC = 1.65 V)
                           ±8 mA (@VCC = 2.3 V)
                           ±24 mA (@VCC = 3.0 V)
                           ±32 mA (@VCC = 4.5 V)




Similar Part No. - RD74LVC1G240

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
2-input NAND Gate
RD74LVC1G00WPE RENESAS-RD74LVC1G00WPE Datasheet
1Mb / 7P
2-input NAND Gate
RD74LVC1G02 RENESAS-RD74LVC1G02 Datasheet
1Mb / 8P
2-input NOR Gate
RD74LVC1G02WPE RENESAS-RD74LVC1G02WPE Datasheet
1Mb / 8P
2-input NOR Gate
RD74LVC1G04 RENESAS-RD74LVC1G04 Datasheet
2Mb / 8P
Inverter
More results


Similar Description - RD74LVC1G240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC240 STMICROELECTRONICS-74VHC240 Datasheet
65Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Jun-1999
74VHCT240A STMICROELECTRONICS-74VHCT240A Datasheet
63Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Aug-1999
M74HCT240 STMICROELECTRONICS-M74HCT240 Datasheet
198Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Aug-2001
M74HC240 STMICROELECTRONICS-M74HC240 Datasheet
205Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Jul-2001
M74HC540 STMICROELECTRONICS-M74HC540 Datasheet
253Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Aug-2001
logo
Renesas Technology Corp
HD74ALVC1G240 RENESAS-HD74ALVC1G240 Datasheet
97Kb / 13P
Bus Buffer Inverted with 3-state Output
HD74ALVC2G240 RENESAS-HD74ALVC2G240 Datasheet
105Kb / 13P
Dual Bus Buffer Inverted with 3-state Output
HD74LV2G240A RENESAS-HD74LV2G240A Datasheet
96Kb / 10P
Dual Bus Buffer Inverted with 3-state Output
HD74ALVC1G240 RENESAS-HD74ALVC1G240_15 Datasheet
122Kb / 15P
Bus Buffer Inverted with 3-state Output
HD74ALVC2G240 RENESAS-HD74ALVC2G240_15 Datasheet
131Kb / 15P
Dual Bus Buffer Inverted with 3-state Output
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com