Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HCT563 Datasheet (PDF) - Renesas Technology Corp

HD74HCT563 Datasheet PDF - Renesas Technology Corp
Part # HD74HCT563
Download  HD74HCT563 Download
File Size   138.1 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal Transparent Latches (with 3-state outputs)

HD74HCT563 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HCT563 Datasheet PDF - Renesas Technology Corp

Part # HD74HCT563
Download  HD74HCT563 Click to download

File Size   138.1 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal Transparent Latches (with 3-state outputs)

HD74HCT563 Datasheet (HTML) - Renesas Technology Corp


HD74HCT563 Product details

Description
When the latch enable (LE) input is high, the Q outputs of HD74HCT563 will follow the inversion of the D inputs and the Q outputs of HD74HCT573 will follow the D inputs. When the latch enable goes low, data at the D inputs will be retained at the outputs until latch enable returns high again. When a high logic level is applied to the output control input, all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the storage elements.

Features
• LSTTL Output Logic Level Compatibility as well as CMOS Output Compatibility
• High Speed Operation: tpd (Data to Q, Q) = 13 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: VCC = 4.5 to 5.5 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HCT563

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT563 HITACHI-HD74HCT563 Datasheet
68Kb / 11P
Octal Transparent Latches (with 3-state outputs)
More results


Similar Description - HD74HCT563

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74HC563 HITACHI-HD74HC563 Datasheet
71Kb / 12P
Octal Transparent Latches (with 3-state outputs)
HD74HCT563 HITACHI-HD74HCT563 Datasheet
68Kb / 11P
Octal Transparent Latches (with 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74HC563 RENESAS-HD74HC563 Datasheet
138Kb / 11P
Octal Transparent Latches (with 3-state outputs)
HD74HC563 RENESAS-HD74HC563_15 Datasheet
161Kb / 13P
Octal Transparent Latches (with 3-state outputs)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com