Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJP4002ANS Datasheet (PDF) - Renesas Technology Corp

RJP4002ANS Datasheet PDF - Renesas Technology Corp
Part # RJP4002ANS
Download  RJP4002ANS Download
File Size   87.05 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Nch IGBT for Strobe Flash

RJP4002ANS Datasheet (PDF)

Go To PDF Page Download Datasheet
RJP4002ANS Datasheet PDF - Renesas Technology Corp

Part # RJP4002ANS
Download  RJP4002ANS Click to download

File Size   87.05 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Nch IGBT for Strobe Flash

RJP4002ANS Datasheet (HTML) - Renesas Technology Corp


RJP4002ANS Product details

Features

• Ultra small surface mount package (VSON-8)

• VCES: 400 V

• ICM: 150 A

• Drive voltage: 2.5 V




Similar Part No. - RJP4002ANS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP4002ASA RENESAS-RJP4002ASA Datasheet
135Kb / 5P
Nch IGBT for Strobe Flash
RJP4002ASA-00-Q0 RENESAS-RJP4002ASA-00-Q0 Datasheet
135Kb / 5P
Nch IGBT for Strobe Flash
More results


Similar Description - RJP4002ANS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP4003ANS RENESAS-RJP4003ANS Datasheet
87Kb / 5P
Nch IGBT for Strobe Flash
RJP4003ASA RENESAS-RJP4003ASA Datasheet
136Kb / 5P
Nch IGBT for Strobe Flash
CY20AAJ-8 RENESAS-CY20AAJ-8 Datasheet
159Kb / 5P
Nch IGBT for Strobe Flash
CY25BAJ-8F RENESAS-CY25BAJ-8F Datasheet
57Kb / 4P
Nch IGBT for Strobe Flash
CY25CAH-8F RENESAS-CY25CAH-8F Datasheet
52Kb / 5P
Nch IGBT for Strobe Flash
RJP4301APP RENESAS-RJP4301APP_09 Datasheet
191Kb / 5P
Nch IGBT for Strobe Flash
RJP4010AGE RENESAS-RJP4010AGE Datasheet
103Kb / 5P
Nch IGBT for Strobe Flash
RJP4301APP-M0 RENESAS-RJP4301APP-M0_15 Datasheet
65Kb / 5P
Nch IGBT for Strobe Flash
RJP4009ANS RENESAS-RJP4009ANS_15 Datasheet
96Kb / 5P
Nch IGBT for Strobe Flash
RJP5001APP RENESAS-RJP5001APP_15 Datasheet
102Kb / 7P
Nch IGBT for Strobe Flash
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com