Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65850FP Datasheet (PDF) - Renesas Technology Corp

M65850FP Datasheet PDF - Renesas Technology Corp
Part # M65850FP
Download  M65850FP Download
File Size   151.59 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Echo (Digital Delay)

M65850FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M65850FP Datasheet PDF - Renesas Technology Corp

Part # M65850FP
Download  M65850FP Click to download

File Size   151.59 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Echo (Digital Delay)

M65850FP Datasheet (HTML) - Renesas Technology Corp


M65850FP Product details

Description
The M65850P/FP is a CMOS IC for generating echo to be added to the voice through a Karaoke microphone.
It is optimal to provide the echo effect function for Karaoke player, such as radio cassette recorders, mini audio components and television sets.
Increased master clock frequency assures high-performance short delay, enabling the IC to be used for Dolby prologic surround system.

Features
• Built-in input/output filters, A/D and D/A converters, and memory realize a delay system with only a single chip.
• Built-in current control type clock oscillator circuit avoids clock affection outside, thus allowing prevention of undesired radiation.
• Delay time = 164 ms (with master clock set at 1 MHz) (Selection of delay time in a range between 15 ms and 200 ms)
• Small package (14-pin DIP: PRDP0014AA-A (14P4), 16-pin SOP: PRSP0016DE-A (16P2N-A))
• Built-in 20 Kbit SRAM
• Built-in auto reset circuit (The IC reset as power is turned on)
• Single power supply (5 V)




Similar Part No. - M65850FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65850FP MITSUBISHI-M65850FP Datasheet
71Kb / 11P
DIGITAL ECHO(DIGITAL DELAY)
More results


Similar Description - M65850FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65831AP MITSUBISHI-M65831AP Datasheet
80Kb / 14P
DIGITAL ECHO (DIGITAL DELAY)
M65844P MITSUBISHI-M65844P Datasheet
328Kb / 7P
DIGITAL ECHO (DIGITAL DELAY)?
M65850P MITSUBISHI-M65850P Datasheet
71Kb / 11P
DIGITAL ECHO(DIGITAL DELAY)
logo
Princeton Technology Co...
PT2395 PTC-PT2395 Datasheet
265Kb / 4P
Enhanced Digital Echo IC
logo
Rohm
BU9252S ROHM-BU9252S Datasheet
63Kb / 6P
Audio digital delay (KARAOKE echo)
logo
Mitsubishi Electric Sem...
M50195P MITSUBISHI-M50195P Datasheet
476Kb / 8P
DIGITAL ECHO
logo
List of Unclassifed Man...
BL0305 ETC1-BL0305 Datasheet
25Kb / 2P
Digital Echo (Digital Delay)
BL0306 ETC1-BL0306 Datasheet
32Kb / 2P
Digital echo
logo
SHANGHAI BELLING CO., L...
BL0305 BELLING-BL0305 Datasheet
24Kb / 2P
Digital Echo (Digital Delay)
logo
Renesas Technology Corp
M65831AP RENESAS-M65831AP Datasheet
4Mb / 15P
DIGITAL ECHO(DIGITAL DELAY)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com