Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2395 Datasheet (PDF) - Princeton Technology Corp

PT2395 Datasheet PDF - Princeton Technology Corp
Part # PT2395
Download  PT2395 Download
File Size   265.76 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Enhanced Digital Echo IC

PT2395 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2395 Datasheet PDF - Princeton Technology Corp

Part # PT2395
Download  PT2395 Click to download

File Size   265.76 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Enhanced Digital Echo IC

PT2395 Datasheet (HTML) - Princeton Technology Corp


PT2395 Product details

DESCRIPTION
PT2395 is a silicon gate CMOS-processed digital echo IC functionally compatible with M50195P. Input signal to PT2395 is converted to digital signal with A-D conversion then stored in the memory (DRAM) chip. After a certain delay time, digital signal is read out from the memory chip and then converted back into analog signal using the D-A conversion. A low cost echo system may thus be achieved with PT2395’s A-D converter, D-A converter, incorporating ADM algorithm, while main taining lower noise, lower distortion, higher S/N ratio as compared to the conventional BBD (Bucket Brigate Device). PT2395 further features enhanced functions such as continuous delay time with external VR (Variable Resistor), 256 K DRAM support for longer delay time (Extended Delay Mode, up to 800 ms at 4 MHz Clock) as compared to M50195P. Moreover, the distortion and the S/N Ratio are further improved.

FEATURES
• CMOS Technology
• Available in 40-pin PDIP Package (600 mil)
• Low Noise, Low Distortion Echo System
• 3-Level Delay Time Selectable, with Indicator Output
• On-chip RC Oscillator for Continuous Delay Time
• 64K/256K DRAM chip support
• Extended Delay Mode up to 800 ms Delay Time (without VR)
• Create fascinating echo effect with time delay

APPLICATIONS
• KARAOKE
• Radio Set
• Video Disc Player
• Electronic Musical Instrument




Similar Part No. - PT2395

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2390 PTC-PT2390 Datasheet
202Kb / 7P
Echo IC with Built-in Microphone Amplifier & Output Mixer
PT2390-S PTC-PT2390-S Datasheet
202Kb / 7P
Echo IC with Built-in Microphone Amplifier & Output Mixer
PT2392 PTC-PT2392 Datasheet
268Kb / 5P
Digital Echo with MIC Mixing Amp
PT2392-LQ PTC-PT2392-LQ Datasheet
268Kb / 5P
Digital Echo with MIC Mixing Amp
PT2396 PTC-PT2396 Datasheet
152Kb / 5P
Digital Echo/Surround Processor IC
More results


Similar Description - PT2395

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2396 PTC-PT2396 Datasheet
152Kb / 5P
Digital Echo/Surround Processor IC
PT2399 PTC-PT2399 Datasheet
81Kb / 5P
Echo Processor IC
logo
Rohm
BU9253AS ROHM-BU9253AS Datasheet
72Kb / 6P
KARAOKE echo IC
logo
Mitsubishi Electric Sem...
M50195P MITSUBISHI-M50195P Datasheet
476Kb / 8P
DIGITAL ECHO
logo
List of Unclassifed Man...
TP5299 ETC1-TP5299 Datasheet
74Kb / 11P
ECHO PROCESSOR IC
BL0306 ETC1-BL0306 Datasheet
32Kb / 2P
Digital echo
logo
Toshiba Semiconductor
TC9488FG TOSHIBA-TC9488FG Datasheet
320Kb / 12P
Digital Echo IC for Karaoke
logo
Sanyo Semicon Device
LC75100M SANYO-LC75100M Datasheet
275Kb / 14P
CMOS IC Digital Echo IC with Microphone Amplifier Circuit
logo
Princeton Technology Co...
PT2396 PTC-PT2396_10 Datasheet
470Kb / 18P
Digital Echo/Surround Processor IC
PT2399 PTC-PT2399_10 Datasheet
320Kb / 9P
Echo Processor IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com