Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2390 Datasheet (PDF) - Princeton Technology Corp

PT2390 Datasheet PDF - Princeton Technology Corp
Part # PT2390
Download  PT2390 Download
File Size   202.59 Kbytes
Page   7 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Echo IC with Built-in Microphone Amplifier & Output Mixer

PT2390 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2390 Datasheet PDF - Princeton Technology Corp

Part # PT2390
Download  PT2390 Click to download

File Size   202.59 Kbytes
Page   7 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Echo IC with Built-in Microphone Amplifier & Output Mixer

PT2390 Datasheet (HTML) - Princeton Technology Corp


PT2390 Product details

DESCRIPTION
PT2390 is a digital echo IC utilizing CMOS Technology. Microphone Amplifier, Output Mixer, internal 44K RAM and Vocal Switch are all integrated in a single chip to provide a digital echo IC of the the highest standard. Very low distortion and high S/N Ratio qualities, not to mention the built-in VCO feature which eliminates the need for an external crystal oscillator are just some of the features of PT2390. Pin assignments and application circuit are optimized for easy PCB Layout and low cost effectiveness.

FEATURES
• CMOS Technology
• Least External Component
• 5V Power Supply
• 2 Microphone Amplifier and KARAOKE Automatic Vocal Changer
• Built-in 44K RAM
• Built-in VCO, eliminating the need for a crystal oscillator
• Low Total Harmonic Distortion : Microphone Pre-Amplifier <0.09% (typ.) : Echo Processor < 0.5% (typ.)
• High S/N Ratio : Microphone Pre-Amplifier > 85 (no - weighting) : Echo Processor > 80 dB (no - weighting)
• Available in 28-pin, DIP or SO Package

APPLICATIONS
• DVD, VCD
• KARAOKE
• VCR
• Mini Compo
• Other Audio Equipments




Similar Part No. - PT2390

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2392 PTC-PT2392 Datasheet
268Kb / 5P
Digital Echo with MIC Mixing Amp
PT2392-LQ PTC-PT2392-LQ Datasheet
268Kb / 5P
Digital Echo with MIC Mixing Amp
PT2395 PTC-PT2395 Datasheet
265Kb / 4P
Enhanced Digital Echo IC
PT2396 PTC-PT2396 Datasheet
152Kb / 5P
Digital Echo/Surround Processor IC
PT2396 PTC-PT2396 Datasheet
470Kb / 18P
Digital Echo/Surround Processor IC
More results


Similar Description - PT2390

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65845AFP MITSUBISHI-M65845AFP Datasheet
110Kb / 15P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
M65853FP MITSUBISHI-M65853FP Datasheet
113Kb / 17P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
M65854FP MITSUBISHI-M65854FP Datasheet
102Kb / 14P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
M65855FP MITSUBISHI-M65855FP Datasheet
58Kb / 10P
1 Chip Digital Echo with Microphone mixing Amplifier
M65856SP MITSUBISHI-M65856SP Datasheet
100Kb / 17P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
logo
Asahi Kasei Microsystem...
AKD4671-B AKM-AKD4671-B Datasheet
1Mb / 51P
stereo CODEC with built-in Microphone-Amplifier
logo
Renesas Technology Corp
M65855FP RENESAS-M65855FP Datasheet
3Mb / 11P
CHIP DIGITAL ECHO WITH MICROPHONE MIXING AMPLIFIER
logo
Sanyo Semicon Device
LC75100M SANYO-LC75100M Datasheet
275Kb / 14P
CMOS IC Digital Echo IC with Microphone Amplifier Circuit
LC75106V SANYO-LC75106V Datasheet
201Kb / 15P
Digital Echo LSI with Built-in Mic Amplifier
logo
ON Semiconductor
LC75106V-TLM-H ONSEMI-LC75106V-TLM-H Datasheet
188Kb / 15P
Digital Echo LSI with Built-in Mic Amplifier
June, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com