Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65855FP Datasheet (PDF) - Renesas Technology Corp

M65855FP Datasheet PDF - Renesas Technology Corp
Part # M65855FP
Download  M65855FP Download
File Size   3205.53 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CHIP DIGITAL ECHO WITH MICROPHONE MIXING AMPLIFIER

M65855FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M65855FP Datasheet PDF - Renesas Technology Corp

Part # M65855FP
Download  M65855FP Click to download

File Size   3205.53 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CHIP DIGITAL ECHO WITH MICROPHONE MIXING AMPLIFIER

M65855FP Datasheet (HTML) - Renesas Technology Corp


M65855FP Product details

DESCRIPTION
The M65855FP is a CMOS IC built-in Digital Echo function with microphone mixing circuits for KARAOKE equipment packed in a single chip.
It is suitable for KARAOKE equipments such as Video CD Player,Mini stereo,CD Radio cassette,TV or VCR.

FEATURES
• Internal Input/Output low pass filter,A/D,D/A converters,microphone mixing amplifier,memory achieve a digital echo system with a single chip.
• High performance digital echo circuit thanks to 20Kbit memory
• Thanks to the improvement A/D,D/A converters,decrease the external output
• Internal echo mute circuit and echo volume achieve a mixing level control
• Built-in current control oscillation circuit for generating clocks
• Delay time =164msec (Min.15ms to max. 200 ms can be set)
• Small 16-Pin Flat package (16P2N)
• Built-in automatic reset circuit with power turned on
• 5V single power supply




Similar Part No. - M65855FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65855FP MITSUBISHI-M65855FP Datasheet
58Kb / 10P
1 Chip Digital Echo with Microphone mixing Amplifier
More results


Similar Description - M65855FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65845AFP MITSUBISHI-M65845AFP Datasheet
110Kb / 15P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
M65853FP MITSUBISHI-M65853FP Datasheet
113Kb / 17P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
M65854FP MITSUBISHI-M65854FP Datasheet
102Kb / 14P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
M65855FP MITSUBISHI-M65855FP Datasheet
58Kb / 10P
1 Chip Digital Echo with Microphone mixing Amplifier
M65856SP MITSUBISHI-M65856SP Datasheet
100Kb / 17P
DIGITAL ECHO WITH MICROPHONE MIXING CIRCUIT
logo
Princeton Technology Co...
PT2390 PTC-PT2390 Datasheet
202Kb / 7P
Echo IC with Built-in Microphone Amplifier & Output Mixer
logo
Renesas Technology Corp
M65845AFP RENESAS-M65845AFP Datasheet
167Kb / 14P
Digital Echo with Microphone Mixing Circuit
M65856SP RENESAS-M65856SP Datasheet
295Kb / 19P
Digital Echo with Mic-mixing Circuit
logo
Sanyo Semicon Device
LC75100M SANYO-LC75100M Datasheet
275Kb / 14P
CMOS IC Digital Echo IC with Microphone Amplifier Circuit
logo
Princeton Technology Co...
PT2392 PTC-PT2392 Datasheet
268Kb / 5P
Digital Echo with MIC Mixing Amp
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com