Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2399 Datasheet (PDF) - Princeton Technology Corp

PT2399 Datasheet PDF - Princeton Technology Corp
Part # PT2399
Download  PT2399 Download
File Size   81.75 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Echo Processor IC

PT2399 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2399 Datasheet PDF - Princeton Technology Corp

Part # PT2399
Download  PT2399 Click to download

File Size   81.75 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Echo Processor IC

PT2399 Datasheet (HTML) - Princeton Technology Corp


PT2399 Product details

DESCRIPTION
The PT2399 is a single chip echo processor IC utilizing CMOS technology. Which accept analog audio input signal, a high sample rate ADC transfer the analog signal into a bit stream then storage to internal 44Kbit RAM, after processing the bit stream will de-modulate by DAC and lowpass filter. Overall delay time is determined by internal VCO clock frequency, and user can easy to change the VCO frequency by changing the external resistance. The PT2399 performs low distortion (THD<0.5%@0.5Vrms) and low noise (No<-90dBV) characteristic for audio purpose, and pin arrangement and application circuit are optimized for easy PCB layout and cost saving advantage.

FEATURES
• CMOS technology
• Least external components
• Auto reset Function prevent POP noise
• Low noise, SNR better than 90dB (typical)
• Low distortion, THD= 0.5%(typical)
• User adjustable VCO clock frequency.

APPLICATIONS
• KARAOKE Mixer
• CD/DVD Player/Recorder
• Multimedia TV
• Car Entertainment System
• Music Instrument effecter
• Electronics Toy




Similar Part No. - PT2399

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2399 PTC-PT2399 Datasheet
320Kb / 9P
Echo Processor IC
PT2399-SN PTC-PT2399-SN Datasheet
320Kb / 9P
Echo Processor IC
PT2399S PTC-PT2399S Datasheet
320Kb / 9P
Echo Processor IC
PT2399 PTC-PT2399_10 Datasheet
320Kb / 9P
Echo Processor IC
More results


Similar Description - PT2399

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2396 PTC-PT2396 Datasheet
152Kb / 5P
Digital Echo/Surround Processor IC
PT2398 PTC-PT2398 Datasheet
246Kb / 5P
Echo/Surround Processor
logo
Rohm
BU9253AS ROHM-BU9253AS Datasheet
72Kb / 6P
KARAOKE echo IC
logo
List of Unclassifed Man...
ES56030 ETC-ES56030 Datasheet
236Kb / 11P
ECHO SOUD PROCESSOR (8K)
TP5208 ETC1-TP5208 Datasheet
102Kb / 7P
64K SRAM ECHO PROCESSOR
TP5299 ETC1-TP5299 Datasheet
74Kb / 11P
ECHO PROCESSOR IC
logo
Silan Microelectronics ...
SC5399 SILAN-SC5399 Datasheet
151Kb / 7P
ECHO SOUND EFFECT PROCESSOR
logo
Princeton Technology Co...
PT2396 PTC-PT2396_10 Datasheet
470Kb / 18P
Digital Echo/Surround Processor IC
PT2399 PTC-PT2399_10 Datasheet
320Kb / 9P
Echo Processor IC
logo
List of Unclassifed Man...
CD2399GP ETC2-CD2399GP Datasheet
482Kb / 5P
Echo Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com