Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5399 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC5399 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC5399
Download  SC5399 Download
File Size   151.79 Kbytes
Page   7 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description ECHO SOUND EFFECT PROCESSOR

SC5399 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5399 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC5399
Download  SC5399 Click to download

File Size   151.79 Kbytes
Page   7 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description ECHO SOUND EFFECT PROCESSOR

SC5399 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC5399 Product details

DESCRIPTION

SC5399 is an echo audio processor IC utilizing CMOS technology which is equipped with ADC and DAC, high sampling frequency and internal memory of 44K digital processing is used to generate the delay time. It also features an internal VCO circuit in the system clock, thereby, making the frequency easily adjustable. SC5399 boast of very low distortion (THD<0.5%) and very low noise (N0<-90dBV), thus producing high quality audio output. The pin assignments and application circuit are optimized for easy PCB layout cost saving advantage.



FEATURES

* CMOS technology

* Least external components

* Auto reset function

* Low noise, No<-90dBV typical

* Low distortion, THD<0.5% typical

* External adjustable VCO

* Available in 16 pins, DIP or SO package.



APPLICATIONS

* Video tape recorder

* Video compact disk

* Television

* CD player

* Car stereo

* KARAOKE mixer

* Electronic musical instrument

* Audio Equipment with echo processor




Similar Part No. - SC5399

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC53-100 BEL-SC53-100 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC53-101 BEL-SC53-101 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC53-102 BEL-SC53-102 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC53-120 BEL-SC53-120 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
More results


Similar Description - SC5399

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2398 PTC-PT2398 Datasheet
246Kb / 5P
Echo/Surround Processor
PT2399 PTC-PT2399 Datasheet
81Kb / 5P
Echo Processor IC
logo
Sony Corporation
CXA1644P SONY-CXA1644P Datasheet
222Kb / 11P
ECHO EFFECT GENERATOR
logo
List of Unclassifed Man...
ES56030 ETC-ES56030 Datasheet
236Kb / 11P
ECHO SOUD PROCESSOR (8K)
TP5208 ETC1-TP5208 Datasheet
102Kb / 7P
64K SRAM ECHO PROCESSOR
TP5299 ETC1-TP5299 Datasheet
74Kb / 11P
ECHO PROCESSOR IC
logo
Agamem Microelectronic ...
AA8335 AGAMEM-AA8335 Datasheet
230Kb / 8P
SOUND EFFECT PROCESSOR
logo
Princeton Technology Co...
PT2399 PTC-PT2399_10 Datasheet
320Kb / 9P
Echo Processor IC
logo
List of Unclassifed Man...
G21A21 ETC2-G21A21 Datasheet
6Mb / 11P
2-Channel Digital Sound Effect Processor
CD2399GP ETC2-CD2399GP Datasheet
482Kb / 5P
Echo Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com