Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66281FP Datasheet (PDF) - Renesas Technology Corp

M66281FP Datasheet PDF - Renesas Technology Corp
Part # M66281FP
Download  M66281FP Download
File Size   175.66 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5120 횞 8-Bit 횞 2 Line Memory

M66281FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M66281FP Datasheet PDF - Renesas Technology Corp

Part # M66281FP
Download  M66281FP Click to download

File Size   175.66 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5120 횞 8-Bit 횞 2 Line Memory

M66281FP Datasheet (HTML) - Renesas Technology Corp


M66281FP Product details

Description
The M66281FP is high speed line memory that uses high performance silicon gate CMOS process technology and adopts the FIFO (First In First Out) structure consisting of 5120 words × 8 bits × 2.
Since memory is available to simultaneously output 1 line delay and 2 line delay data, the M66281FP is optimal for the compensation of data of multiple lines.

Features
• Memory configuration: 5120 words × 8 bits × 2 (dynamic memory)
• High speed cycle: 25 ns (Min)
• High speed access: 18 ns (Max)
• Output hold: 3 ns (Min)
• Reading and writing operations can be completely carried out independently and asynchronously
• Variable length delay bit
• Input/output: TTL direct connection allowable
• Output: 3 states
• Q00 to Q07: 1 line delay
• Q10 to Q17: 2 line delay

Application
   Digital copying machine, laser beam printer, high speed facsimile, etc.




Similar Part No. - M66281FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66281FP MITSUBISHI-M66281FP Datasheet
125Kb / 13P
5120 x 8-BIT x 2 LINE MEMORY
More results


Similar Description - M66281FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66256FP MITSUBISHI-M66256FP Datasheet
148Kb / 11P
5120 x 8-BIT LINE MEMORY (FIFO)
M66257FP MITSUBISHI-M66257FP Datasheet
122Kb / 10P
5120 x 8-BIT x 2 LINE MEMORY (FIFO)
M66280FP MITSUBISHI-M66280FP Datasheet
111Kb / 12P
5120 x 8-BIT LINE MEMORY
M66281FP MITSUBISHI-M66281FP Datasheet
125Kb / 13P
5120 x 8-BIT x 2 LINE MEMORY
logo
Renesas Technology Corp
M66256FP RENESAS-M66256FP Datasheet
170Kb / 14P
5120 횞 8-Bit Line Memory (FIFO)
M66257FP RENESAS-M66257FP Datasheet
151Kb / 13P
5120 횞 8-Bit 횞 2 Line Memory (FIFO)
M66258FP RENESAS-M66258FP Datasheet
168Kb / 14P
8192 횞 8-Bit Line Memory
M66280FP RENESAS-M66280FP Datasheet
159Kb / 14P
5120 횞 8-Bit Line Memory
M66282FP RENESAS-M66282FP Datasheet
159Kb / 14P
8192 횞 8-Bit Line Memory
M66250P RENESAS-M66250P Datasheet
4Mb / 22P
5120*8-BIT LINE MEMORY(FIFO/LIFO)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com