Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66282FP Datasheet (PDF) - Renesas Technology Corp

M66282FP Datasheet PDF - Renesas Technology Corp
Part # M66282FP
Download  M66282FP Download
File Size   159.75 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8192 횞 8-Bit Line Memory

M66282FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M66282FP Datasheet PDF - Renesas Technology Corp

Part # M66282FP
Download  M66282FP Click to download

File Size   159.75 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8192 횞 8-Bit Line Memory

M66282FP Datasheet (HTML) - Renesas Technology Corp


M66282FP Product details

Description
The M66282FP is high speed line memory that uses high performance silicon gate CMOS process technology and adopts the FIFO (First In First Out) structure consisting of 8192 words × 8 bits.
The M66282FP, performing reading and writing operations at different cycles independently and asynchronously, is optimal for buffer memory to be used between equipment of different data processing speeds

Features
• Memory configuration: 8192 words × 8 bits (dynamic memory)
• High speed cycle: 25 ns (Min)
• High speed access: 18 ns (Max)
• Output hold: 3 ns (Min)
• Reading and writing operations can be completely carried out independently and asynchronously
• Variable length delay bit
• Input/output: TTL direct connection allowable
• Output: 3 states

Application
   Digital copying machine, laser beam printer, high speed facsimile, etc.




Similar Part No. - M66282FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66282FP MITSUBISHI-M66282FP Datasheet
83Kb / 12P
8192 x 8-BIT LINE MEMORY
More results


Similar Description - M66282FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66255FP MITSUBISHI-M66255FP Datasheet
152Kb / 11P
8192 x 10-BIT LINE MEMORY (FIFO)
M66258FP MITSUBISHI-M66258FP Datasheet
114Kb / 12P
8192 x 8-BIT LINE MEMORY
M66282FP MITSUBISHI-M66282FP Datasheet
83Kb / 12P
8192 x 8-BIT LINE MEMORY
logo
fujitsu semiconductor
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
UV ERASABLE 8192-BIT READ ONLY MEMORY
logo
Renesas Technology Corp
M66255FP RENESAS-M66255FP Datasheet
168Kb / 14P
8192 횞 10-Bit Line Memory (FIFO)
M66256FP RENESAS-M66256FP Datasheet
170Kb / 14P
5120 횞 8-Bit Line Memory (FIFO)
M66257FP RENESAS-M66257FP Datasheet
151Kb / 13P
5120 횞 8-Bit 횞 2 Line Memory (FIFO)
M66258FP RENESAS-M66258FP Datasheet
168Kb / 14P
8192 횞 8-Bit Line Memory
M66280FP RENESAS-M66280FP Datasheet
159Kb / 14P
5120 횞 8-Bit Line Memory
M66281FP RENESAS-M66281FP Datasheet
175Kb / 16P
5120 횞 8-Bit 횞 2 Line Memory
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com