Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66310FP Datasheet (PDF) - Renesas Technology Corp

M66310FP Datasheet PDF - Renesas Technology Corp
Part # M66310FP
Download  M66310FP Download
File Size   169.16 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Bit LED Driver with Shift Register and Latch

M66310FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M66310FP Datasheet PDF - Renesas Technology Corp

Part # M66310FP
Download  M66310FP Click to download

File Size   169.16 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Bit LED Driver with Shift Register and Latch

M66310FP Datasheet (HTML) - Renesas Technology Corp


M66310FP Product details

Description
M66310P/FP is a LED array driver having a 16 bit serial-input and parallel output shift-register function with direct coupled reset input and output latch function.
This product guarantees the output electric current of 24 mA which is sufficient for cathode common LED drive, capable of flowing 16 bits continuously at the same time.
Parallel output is open drain output. In addition, as this product has been designed in complete CMOS, power consumption can be greatly reduced when
compared with conventional BIPOLAR or Bi-CMOS products.
Furthermore, pin layout ensures the realization of an easy printed circuit.

Features
• Cathode common LED drive
• High output current all parallel output IOH = −24 mA simultaneous lighting available
• Low power dissipation: 100 µW/package (max)
   (VCC = 5 V, Ta = 25°C, quiescent state)
• High noise margin schmitt input circuit provides responsiveness to a long line length.
• Equipped with direct-coupled reset
• Open drain output (except serial data output)
• Wide operating temperature range: Ta = −40 to +85°C
• Pin layout facilitates printed circuit wiring. (This layout facilitates cascade connection and LED connection.)

Application
  LED array drive of BUTTON TELEPHONE
  LED array drive of ERASER of a PPC copier
  Other various LED modules




Similar Part No. - M66310FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66310FP MITSUBISHI-M66310FP Datasheet
221Kb / 5P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
More results


Similar Description - M66310FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66310P MITSUBISHI-M66310P Datasheet
221Kb / 5P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66311P MITSUBISHI-M66311P Datasheet
213Kb / 5P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
M66313FP MITSUBISHI-M66313FP Datasheet
215Kb / 6P
32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
M66503ASP MITSUBISHI-M66503ASP Datasheet
114Kb / 8P
16-BIT CONSTANT CURRENT LED DRIVER with SHIFT REGISTER AND LATCH
logo
Marktech Corporate
TB62708N MARKTECH-TB62708N Datasheet
305Kb / 9P
16 Bit Constant Current LED Source Driver with Shift Register and Latch Functions
logo
Renesas Technology Corp
R8A66160DD RENESAS-R8A66160DD Datasheet
586Kb / 8P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66161DD RENESAS-R8A66161DD Datasheet
682Kb / 8P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66311P RENESAS-M66311P Datasheet
168Kb / 10P
16-Bit LED Driver with Shift Register and Latch
M66313FP RENESAS-M66313FP Datasheet
157Kb / 10P
32-Bit LED Driver with Shift Register and Latch
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com