Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62376GP Datasheet (PDF) - Renesas Technology Corp

M62376GP Datasheet PDF - Renesas Technology Corp
Part # M62376GP
Download  M62376GP Download
File Size   150.75 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-bit 12ch D/A Converter IC Built-in 12-bit I/O Expander

M62376GP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62376GP Datasheet PDF - Renesas Technology Corp

Part # M62376GP
Download  M62376GP Click to download

File Size   150.75 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-bit 12ch D/A Converter IC Built-in 12-bit I/O Expander

M62376GP Datasheet (HTML) - Renesas Technology Corp


M62376GP Product details

Description
The M62376GP is a semiconductor IC that adopts a CMOS structure having 12 channels of 8-bit D/A converter and 12-bit I/O expander. The IC has achieved a wide operation range of 2.7 to 5.5 V in power voltage.
Data is easily available via 3-wire combination system serial input of SI, CLK and EN. The IC also provides an SO pin enabling cascade connection. It provides 8 pins that share D/A converter and I/O ports that can be arbitrarily switched with serial input data.

Features
• Supply voltage: 2.7 to 5.5 V
• Adopts 4 special ports for each of DAC and I/O and 8 ports that share DAC output and I/O
• Each port can be set by serial data for input/output status
• Built-in power-on reset where D/A output is set to "L" in the initial status and I/O goes to high-impedance when power is turned on
• Small package of 0.65 mm pitch and 24 pin

Application
   Adjustment/control of industrial or home-use electronic equipment, such as VCR camera, VCR set, TV, and CRT display.




Similar Part No. - M62376GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62376GP MITSUBISHI-M62376GP Datasheet
89Kb / 8P
8-BIT 12CH D-A CONVERTER IC BUILT-IN 12-BIT I/O EXPANDER
More results


Similar Description - M62376GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62376GP MITSUBISHI-M62376GP Datasheet
89Kb / 8P
8-BIT 12CH D-A CONVERTER IC BUILT-IN 12-BIT I/O EXPANDER
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
12-BIT I/O EXPANDER
logo
OKI electronic componet...
MSM64431 OKI-MSM64431 Datasheet
519Kb / 10P
Built-in 8-Bit A/D Converter 4-Bit Microcontroller
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
16-Bit I/O Expander IC
logo
Mitsubishi Electric Sem...
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
12-bit I/O EXPANDER
logo
Renesas Technology Corp
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
12-BIT I/O EXPANDER
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
12-BIT I/O EXPANDER
logo
Princeton Technology Co...
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
16-Bit I/O Expander IC
logo
Texas Instruments
PCF8574A TI1-PCF8574A_15 Datasheet
1Mb / 35P
Remote 8-Bit I/O Expander
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com